Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232R Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # FT232R
Description  Future Technology Devices International Ltd.
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232R Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button FT232R Datasheet HTML 15Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 16Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 17Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 18Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 19Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 20Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 21Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 22Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
Copyright © 2010 Future Technology Devices International Limited
19
Document No.: FT_000053
FT232R USB UART IC Datasheet Version 2.10
Clearance No.: FTDI# 38
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
2.1
2.6
2.8
V
I source = 1mA
Vol
Output Voltage Low
0.3
0.4
0.5
V
I sink = 2mA
Vin
Input Switching
Threshold
1.0
1.2
1.5
V
**
VHys
Input Switching
Hysteresis
20
25
30
mV
**
Table 5.5 UART and CBUS I/O Pin Characteristics (VCCIO = +2.8V, Standard Drive Level)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
1.32
1.62
1.8
V
I source = 0.2mA
Vol
Output Voltage Low
0.06
0.1
0.18
V
I sink = 0.5mA
Vin
Input Switching
Threshold
1.0
1.2
1.5
V
**
VHys
Input Switching
Hysteresis
20
25
30
mV
**
Table 5.6 UART and CBUS I/O Pin Characteristics (VCCIO = +1.8V, Standard Drive Level)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
3.2
4.1
4.9
V
I source = 6mA
Vol
Output Voltage Low
0.3
0.4
0.6
V
I sink = 6mA
Vin
Input Switching
Threshold
1.0
1.2
1.5
V
**
VHys
Input Switching
Hysteresis
20
25
30
mV
**
Table 5.7 UART and CBUS I/O Pin Characteristics (VCCIO = +5.0V, High Drive Level)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
2.2
2.8
3.2
V
I source = 3mA
Vol
Output Voltage Low
0.3
0.4
0.6
V
I sink = 8mA
Vin
Input Switching
Threshold
1.0
1.2
1.5
V
**
VHys
Input Switching
Hysteresis
20
25
30
mV
**
Table 5.8 UART and CBUS I/O Pin Characteristics (VCCIO = +3.3V, High Drive Level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com