Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232R Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # FT232R
Description  Future Technology Devices International Ltd.
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232R Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button FT232R Datasheet HTML 23Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 24Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 25Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 26Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 27Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 28Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 29Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 30Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
Copyright © 2010 Future Technology Devices International Limited
27
Document No.: FT_000053
FT232R USB UART IC Datasheet Version 2.10
Clearance No.: FTDI# 38
7 Application Examples
The following sections illustrate possible applications of the FT232R. The illustrations have omitted pin
numbers for ease of understanding since the pins differ between the FT232RL and FT232RQ package
options.
7.1 USB to RS232 Converter
FT232R
GND
GND
100nF
VCC
USBDM
USBDP
VCCIO
NC
RESET#
NC
OSCI
OSCO
3V3OUT
A
G
N
D
G
N
D
G
N
D
G
N
D
T
E
S
T
TXD
RXD
RTS#
CTS#
DTR#
DSR#
DCD#
RI#
CBUS0
CBUS1
CBUS2
CBUS3
CBUS4
1
2
3
4
GND
SHIELD
GND
100nF
4.7uF +
5
10nF +
Ferrite Bead
VCC
VCC
SLEEP#
GPIO2
GPIO3
TXD
RXD
RTS#
CTS#
DTR#
DSR#
DCD#
RI#
TXDATA
RXDATA
RTS
CTS
DTR
DSR
DCD
RI
TXLED#
RXLED#
VCC
VCC
270R
270R
GND
RI
DTR
CTS
TXDATA
RTS
RXDATA
DSR
DCD
DB9M
SHIELD
10
5
9
4
8
3
7
2
6
1
SHDN#
Figure 7.1 Application Example showing USB to RS232 Converter
An example of using the FT232R as a USB to RS232 converter is illustrated in Figure 7.1. In this
application, a TTL to RS232 Level Converter IC is used on the serial UART interface of the FT232R to
convert the TTL levels of the FT232R to RS232 levels. This level shift can be done using the popular “213”
series of TTL to RS232 level converters. These “213” devices typically have 4 transmitters and 5 receivers
in a 28-LD SSOP package and feature an in-built voltage converter to convert the +5V (nominal) VCC to
the +/- 9 volts required by RS232. A useful feature of these devices is the SHDN# pin which can be used
to power down the device to a low quiescent current during USB suspend mode.
A suitable level shifting device is the Sipex SP213EHCA which is capable of RS232 communication at up
to 500k baud. If a lower baud rate is acceptable, then several pin compatible alternatives are available
such as the Sipex SP213ECA, the Maxim MAX213CAI and the Analogue Devices ADM213E, which are all
suitable for communication at up to 115.2k baud. If a higher baud rate is required, the Maxim
MAX3245CAI device is capable of RS232 communication rates up to 1Mbaud. Note that the MAX3245 is
not pin compatible with the 213 series devices and that the SHDN pin on the MAX device is active high
and should be connect to PWREN# pin instead of SLEEP# pin.
In example shown, the CBUS0 and CBUS1 have been configured as TXLED# and RXLED# and are being
used to drive two LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com