Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF10021 Datasheet(PDF) 3 Page - Ericsson

Part # PTF10021
Description  30 Watts, 1.4-1.6 GHz GOLDMOS Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTF10021 Datasheet(HTML) 3 Page - Ericsson

  PTF10021 Datasheet HTML 1Page - Ericsson PTF10021 Datasheet HTML 2Page - Ericsson PTF10021 Datasheet HTML 3Page - Ericsson PTF10021 Datasheet HTML 4Page - Ericsson PTF10021 Datasheet HTML 5Page - Ericsson PTF10021 Datasheet HTML 6Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PTF 10021
3
e
Output Power vs. Supply Voltage
25
30
35
40
22
24
26
28
30
32
34
Supply Voltage (Volts)
IDQ = 360 mA
f = 1.5 GHz
Power Gain vs. Output Power
9
10
11
12
13
14
15
16
0.1
1.0
10.0
100.0
Output Power (Watts)
VDD = 28 V
f = 1.5 GHz
IDQ = 360 mA
IDQ = 180 mA
IDQ = 90 mA
Intermodulation Distortion vs. Output Power
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
0
5
10
15
20
25
30
35
40
Output Power (Watts-PEP)
VDD = 28 V
IDQ = 360 mA
f1 = 1.499 GHz
f2 = 1.500 GHz
3rd Order
7th
5th
Capacitance vs. Supply Voltage *
0
20
40
60
80
100
120
010
20
30
40
Supply Voltage (Volts)
0
2
4
6
8
10
Cgs
Cds
Crss
VGS =0 V
f = 1 MHz
Bias Voltage vs. Temperature
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
-20
30
80
130
Temp. (°C)
0.3
0.87
1.44
2.01
2.58
3.15
Voltage normalized to 1.0 V
Series show current (A)
*This part is internally matched. Measurements of the finished
product will not yield these figures.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com