Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF10021 Datasheet(PDF) 1 Page - Ericsson

Part # PTF10021
Description  30 Watts, 1.4-1.6 GHz GOLDMOS Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTF10021 Datasheet(HTML) 1 Page - Ericsson

  PTF10021 Datasheet HTML 1Page - Ericsson PTF10021 Datasheet HTML 2Page - Ericsson PTF10021 Datasheet HTML 3Page - Ericsson PTF10021 Datasheet HTML 4Page - Ericsson PTF10021 Datasheet HTML 5Page - Ericsson PTF10021 Datasheet HTML 6Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
e
1
RF Specifications (100% Tested)
Characteristic
Symbol
Min
Typ
Max
Units
Gain
(VDD = 28 V, POUT = 10 W, IDQ = 360 mA, f = 1.5 GHz)
Gps
11.0
13.0
—
dB
Power Output at 1 dB Compressed
(VDD = 28 V, POUT = 30 W, IDQ = 360 mA, f = 1.5 GHz)
P-1dB
30
—
—
Watts
Drain Efficiency
(VDD = 28 V, POUT = 30 W, IDQ = 360 mA, f = 1.5 GHz)
h
45
48
—
%
Load Mismatch Tolerance
(VDD = 28 V, POUT = 30 W(PEP), IDQ = 360 mA, f = 1.5 GHz—
Y
—
—
10:1
—
all phase angles at frequency of test)
All published data at TCASE = 25°C unless otherwise indicated.
•
INTERNALLY MATCHED
•
Performance at 1.5 GHz, 28 Volts
- Output Power = 30 Watts Min
- Power Gain = 13 dB Typ
- Efficiency = 48% Typ
•
Full Gold Metallization
•
Silicon Nitride Passivated
•
Excellent Thermal Stability
•
100% Lot Traceability
PTF 10021
30 Watts, 1.4–1.6 GHz
GOLDMOS™ Field Effect Transistor
10021
A-1234569813
0
10
20
30
40
012
345
Input Power (Watts)
VDD = 28 V
IDQ = 360 mA
f = 1.5 GHz
Typical Output Power vs. Input Power
Package 20237
Description
The PTF 10021 is an internally matched common source N-channel
enhancement-mode lateral MOSFET intended for linear driver and
final applications in the 1.4 to 1.6 GHz range such as DAB/DAR. It is
rated at 30 watts power output. Nitride surface passivation and full
gold metallization ensure excellent device lifetime and reliability.


Similar Part No. - PTF10021

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10020 ERICSSON-PTF10020 Datasheet
313Kb / 6P
125 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
More results

Similar Description - PTF10021

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10007 ERICSSON-PTF10007 Datasheet
235Kb / 6P
35 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10009 ERICSSON-PTF10009 Datasheet
228Kb / 6P
85 Watts, 1.0 GHz GOLDMOS??Field Effect Transistor
PTF10031 ERICSSON-PTF10031 Datasheet
215Kb / 6P
50 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10045 ERICSSON-PTF10045 Datasheet
207Kb / 6P
30 Watts, 1.60-1.65 GHz GOLDMOS Field Effect Transistor
PTF10053 ERICSSON-PTF10053 Datasheet
81Kb / 6P
12 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10065 ERICSSON-PTF10065 Datasheet
94Kb / 6P
30 Watts, 1.93-1.99 GHz GOLDMOS Field Effect Transistor
PTF10107 ERICSSON-PTF10107 Datasheet
83Kb / 6P
5 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10111 ERICSSON-PTF10111 Datasheet
337Kb / 6P
6 Watts, 1.5 GHz GOLDMOS Field Effect Transistor
PTF10125 ERICSSON-PTF10125 Datasheet
291Kb / 6P
135 Watts, 1.4-1.6 GHz GOLDMOS Field Effect Transistor
PTF10136 ERICSSON-PTF10136 Datasheet
205Kb / 7P
6 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com