Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1S-xx05 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # R1S-xx05
Description  Fully RoHS 6/6 Conform
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R1S-xx05 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  R1S-xx05 Datasheet HTML 1Page - List of Unclassifed Manufacturers R1S-xx05 Datasheet HTML 2Page - List of Unclassifed Manufacturers R1S-xx05 Datasheet HTML 3Page - List of Unclassifed Manufacturers R1S-xx05 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
E-26
www.recom-power.com
REV: 2/2014
Package Style and Pinning (mm)
ECONOLINE
DC/DC-Converter
R1S** : ** without marking denotes 5 pins out of 8 fitted (includes /H option)
e.g. R1S-0505, R1S-0505/H, R1S-0505/HP
** with marking 8 denotes 8 pins out of 8 fitted (/H option not available)
e.g. R1S8-0505, R1S8-0505/P
R1D** : ** without marking denotes 6 pins out of 10 fitted (includes /H option)
e.g. R1D-0505, R1D-0505/H, R1D-0505/HP
** with marking 10 denotes with 10 pins out of 10 fitted (/H option not available)
e.g. R1D10-0505, R1D10-0505/P
5 PIN Single SMD Package
6 PIN Dual SMD Package
Bottom View
0.50
Top View
Top View
Bottom View
0.50
2.54 x 3
12.75
6.7
7.0
11.10
10.7
8.50
5
2
4
1
8
10
2
4 5
RECOM
R1D-xxxx
xxxx
1
15.24
6.7
2.54x4
7.0
12.00
1.80
2.54
1.20
85
24
1
RECOM
R1S-xxxx
xxxx
12.00
1.80
10
7
24
15
1.20
7
11.10
10.7
8.50
2.54
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
4
–Vout
Com
5
+Vout
–Vout
7
No Pin
+Vout
8
NC
No Pin
10
No Pin
NC
NC = No Connection
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Recommended Footprint Details
Recommended Footprint Details
Note: /H option is available in
these pin packages
8 PIN Single SMD Package
10 PIN Dual SMD Package
Bottom View
0.50
Top View
Top View
Bottom View
0.50
2.54 x 3
12.75
6.7
7.0
11.10
10.7
8.50
5
2
4
1
8
10
2
4 5
RECOM
R1D10-xxxx
xxxx
1
15.24
6.7
2.54x4
7.0
12.00
1.80
2.54
1.20
85
24
1
RECOM
R1S8-xxxx
xxxx
12.00
1.80
10
7
24
15
1.20
7
11.10
10.7
8.50
2.54
76
3
3
6
7
3
6
8
9
3
9 8
6
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
3NC
NC
4
–Vout
Com
5
+Vout
–Vout
6NC
NC
7
NC
+Vout
8NC
NC
9-
NC
10
-
NC
NC = No Connection
Recommended Footprint Details
Recommended Footprint Details
Note: /H option is not available in
these pin packages
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
R1S_R1D
Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com