Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1S-xx05 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R1S-xx05
Description  Fully RoHS 6/6 Conform
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R1S-xx05 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R1S-xx05 Datasheet HTML 1Page - List of Unclassifed Manufacturers R1S-xx05 Datasheet HTML 2Page - List of Unclassifed Manufacturers R1S-xx05 Datasheet HTML 3Page - List of Unclassifed Manufacturers R1S-xx05 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
100
60
20
40
105
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
100
E-24
www.recom-power.com
REV: 2/2014
Selection Guide
Part
Input
Output
Output
Efficiency
Max
Number
Voltage
Voltage
Current
Capacitive
SMD
(3kV)
(VDC)
(VDC)
(mA)
(%)
Load(1)
R1S**-xx3.3
(H)
3.3, 5, 12, 15, 24
3.3
303
75
2200µF
R1S**-xx05
(H)
3.3, 5, 12, 15, 24
5
200
72-78
1000µF
R1S**-xx09
(H)
3.3, 5, 12, 15, 24
9
111
74-78
1000µF
R1S**-xx12
(H)
3.3, 5, 12, 15, 24
12
84
75-80
470µF
R1S**-xx15
(H)
3.3, 5, 12, 15, 24
15
66
75-82
470µF
R1S**-xx24
(H)
3.3, 5, 12, 15, 24
24
42
74-84
220µF
R1D**-xx3.3
(H)
3.3, 5, 12, 15, 24
±3.3
±152
75
±1000µF
R1D**-xx05
(H)
3.3, 5, 12, 15, 24
±5
±100
72-78
±470µF
R1D**-xx09
(H)
3.3, 5, 12, 15, 24
±9
±56
74-78
±470µF
R1D**-xx12
(H)
3.3, 5, 12, 15, 24
±12
±42
75-80
±220µF
R1D**-xx15
(H)
3.3, 5, 12, 15, 24
±15
±33
75-82
±220µF
R1D**-xx24
(H)
3.3, 5, 12, 15, 24
±24
±21
74-84
±100µF
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Input Voltage Range
±10%
Output Voltage Accuracy
±2% typ., ±5% max.
Line Voltage Regulation
All Variants
1.2%/1% of Vin typ.
Load Voltage Regulation
3.3V output types
15% typ., 20% max.
(10% to 100% full load)
5V output type
12% typ., 15% max.
9V output type
7% typ., 10% max.
12V, 15V, 24V output types
6% typ., 10% max.
Output Ripple and Noise (20MHz BW limited)
50mVp-p typ., 100mVp-p max.
Operating Frequency
20kHz min. / 60kHz typ. / 100kHz max.
continued on next page
1 Watt SMD
Single & Dual
Output
Fully RoHS 6/6 Conform
Full Power at 100°C Ambient Temperature
1kVDC or 3kVDC Isolation Options
UL /CSA Certified, CB Report
Suitable for Fully Automated Assembly
(including Vapour Phase Soldering)
Optional Continuous Short Circuit Protection
Efficiency to 84%
Built-In EN55022 Class A Filter
Features
Unregulated
Converters
R1S** : ** without marking denotes 5 pins out of 8 fitted (includes /H option)
** with marking 8 denotes 8 pins out of 8 fitted (/H option not available)
** with marking 12 denotes 10 pins out of 12 fitted (includes /H option)
R1D** : ** without marking denotes 6 pins out of 10 fitted (includes /H option)
** with marking 10 denotes with 10 pins out of 10 fitted (/H option not available)
** with marking 12 denotes 10 pins out of 12 fitted (includes /H option)
UL-60950-1 Certified
EN-
60950-1 Certified
EN-60601-1 Certified*
(*/H suffix)
Case and Pinning Options (note restrictions on /H option)
xx = Input Voltage (other input and output voltage combinations available on request)
* add Suffix “H” for 3kV Isolation, e.g.
R1S-0505/H, R1D-0505/H, R1S12-0505/H, R1D12-0505/H
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
R1S8-0505/P, R1S-0505/HP, R1D12-0505/HP
* add suffix -R for tape & reel packing e.g.
R1S-0505-R. For more details see Application Notes.
R1S_R1D
ECONOLINE
DC/DC-Converter
with 3 year Warranty
Description The R1S and R1D converters are of the enclosed open frame type, i.e. they are not potted.
The converters are typically used in general purpose and industrial low power isolation and
voltage matching applications where an SMD converter is required.
The converter series feature an extended ambient temperature operating range of
-40°C to +100°C without derating and optional continuous short circuit protection.
In addition to two isolation options and three different case formats, the converters are also
available prepacked as tape and reel for use with automatic insertion machines.
E358085
Refer to Application Notes
RoHS
2011/65/EU
6/6
Derating-Graph
(Ambient Temperature)


Similar Part No. - R1S-xx05

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R1S-xx05 RECOM-R1S-xx05 Datasheet
119Kb / 4P
1 Watt SMD Single & Dual Output
More results

Similar Description - R1S-xx05

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R1S-0509-P RECOM-R1S-0509-P Datasheet
126Kb / 4P
Fully RoHS 6/6 Conform
logo
List of Unclassifed Man...
R2S-1212-R ETC2-R2S-1212-R Datasheet
140Kb / 4P
Fully RoHS 6/6 Conform
logo
Roithner LaserTechnik G...
RLCU-4XX ROITHNER-RLCU-4XX Datasheet
275Kb / 4P
devices are rohs conform
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5745Z AVAGO-AFCT-5745Z Datasheet
542Kb / 18P
RoHS-6 Compliant
logo
Recom International Pow...
R0.25D RECOM-R0.25D Datasheet
128Kb / 4P
Fully RoHS 6/6 Conform
logo
OSA Opto Light GmbH
OCU-400UC375 OSA-OCU-400UC375 Datasheet
292Kb / 8P
devices are ROHS and REACH conform
OIS-170-1020P OSA-OIS-170-1020P Datasheet
229Kb / 7P
devices are ROHS and REACH conform
OLS-150MUR OSA-OLS-150MUR Datasheet
447Kb / 7P
devices are ROHS and REACH conform
OLS-170HSD OSA-OLS-170HSD Datasheet
229Kb / 7P
devices are ROHS and REACH conform
OLS-180Y OSA-OLS-180Y Datasheet
241Kb / 7P
devices are ROHS and REACH conform
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com