Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R13-502MC-05-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R13-502MC-05-R
Description  Pushbutton Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R13-502MC-05-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R13-502MC-05-R Datasheet HTML 1Page - List of Unclassifed Manufacturers R13-502MC-05-R Datasheet HTML 2Page - List of Unclassifed Manufacturers R13-502MC-05-R Datasheet HTML 3Page - List of Unclassifed Manufacturers R13-502MC-05-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pushbutton Switches
Page <1>
17/05/10 V1.1
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Features:
•• Button
: Red.
•• Housing
: Black.
R13-502A-05-R and R13-502A-05-B
Dimensions : Millimetres
Dimensions : Millimetres
Circuit Diagram
Mounting Hole


Similar Part No. - R13-502MC-05-R

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
R13-112 MULTICOMP-R13-112 Datasheet
133Kb / 1P
Switch Cover
05/10/20 V1.0
R13-112BT MULTICOMP-R13-112BT Datasheet
133Kb / 1P
Switch Cover
05/10/20 V1.0
R13-24A-05-BB MULTICOMP-R13-24A-05-BB Datasheet
169Kb / 2P
Pushbutton Switches
16/05/20 V1.0
R13-24A-05-BR MULTICOMP-R13-24A-05-BR Datasheet
169Kb / 2P
Pushbutton Switches
16/05/20 V1.0
R13-24AL-05-BB MULTICOMP-R13-24AL-05-BB Datasheet
169Kb / 2P
Pushbutton Switches
16/05/20 V1.0
More results

Similar Description - R13-502MC-05-R

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
TA10UOAEAUPSTA12BLU E-SWITCH-TA10UOAEAUPSTA12BLU Datasheet
526Kb / 5P
PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
PUSHBUTTON SWITCHES
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
F-SERIES CK-COMPONENTS-F-SERIES Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com