Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R13-502MC-05-R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # R13-502MC-05-R
Description  Pushbutton Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R13-502MC-05-R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  R13-502MC-05-R Datasheet HTML 1Page - List of Unclassifed Manufacturers R13-502MC-05-R Datasheet HTML 2Page - List of Unclassifed Manufacturers R13-502MC-05-R Datasheet HTML 3Page - List of Unclassifed Manufacturers R13-502MC-05-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Pushbutton Switches
Page <4>
17/05/10 V1.1
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Disclaimer This data sheet and its contents (the "Information") belong to the Premier Farnell Group (the "Group") or are licensed to it. No licence is granted for the use of it other than for information purposes
in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied.
The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data
sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage
resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded.
This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. SPC Multicomp is the registered trademark of the Group. © Premier Farnell plc 2010.
Specification Table
Description
Circuit
Part Number
Switch, Red Push Button, SPST
2P SPST OFF-(ON)
R13-502A-05-R
Switch, Black Push Button, SPST
R13-502A-05-B
Switch, Red Push Button, SPST
2P SPST OFF-(ON)
R13-502MA-05-R
Switch, Black Push Button, SPST
R13-502MA-05-B
Switch, Red Push Button, SPDT
3P SPDT ON-(ON)
R13-502MC-05-R
Switch, Black Push Button, SPDT
R13-502MC-05-B
Specifications:
Rating
: 3A 125V, 1.5A 250V ac.
Maximum contact Resistance
: 50m
Ω.
Minimum insulation Resistance
: 500V dc 100M
Ω.
Dielectric strength
: 1000V ac 1 minute.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com