Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M4213 Datasheet(PDF) 1 Page - Alpha Wire

Part # M4213
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

M4213 Datasheet(HTML) 1 Page - Alpha Wire

  M4213 Datasheet HTML 1Page - Alpha Wire M4213 Datasheet HTML 2Page - Alpha Wire M4213 Datasheet HTML 3Page - Alpha Wire M4213 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Customer Specification
PART NO. M4213
Construction
Diameters (In)
1) Component 1
1 X 1 COAX
a) Conductor
20 (19/.0072) AWG TC
b) Insulation
0.040" Wall, Nom. Polyethylene(PE)
0.116
(1) Color(s)
Cond
Color
Cond
Color
Cond
Color
1
CLEAR
2) Shield
TC BRAID Shield,94% Coverage, Min.
3) Jacket
0.028" Wall, Nom.,Type IIA PVC
0.195+/- 0.004
a) Color(s)
BLACK
b) Print
ALPHA WIRE-* P/N M4213
RG 58C/U ROHS
* = Factory Code
Applicable Specifications
1) Military
MIL-C-17/28B RG 58C/U
75°C / 1400 VRMS
Environmental
1) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU Directive
2002/95/EU regarding the restriction of use of certain hazardous substances in electrical and
electronic equipment. Consult Alpha Wire's web site for compliance Date of Manufacture.
2) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the requirements of
California Proposition 65.
Properties


Similar Part No. - M4213

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
M4210 ALPHAWIRE-M4210 Datasheet
187Kb / 4P
Customer Specification
M4212 ALPHAWIRE-M4212 Datasheet
187Kb / 4P
Customer Specification
M4219 ALPHAWIRE-M4219 Datasheet
410Kb / 4P
21 (19/.0071) AWG TC
More results

Similar Description - M4213

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com