Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M4213 Datasheet(PDF) 2 Page - Alpha Wire

Part # M4213
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

M4213 Datasheet(HTML) 2 Page - Alpha Wire

  M4213 Datasheet HTML 1Page - Alpha Wire M4213 Datasheet HTML 2Page - Alpha Wire M4213 Datasheet HTML 3Page - Alpha Wire M4213 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Physical & Mechanical Properties
1) Temperature Range
-40 to 75°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
12.3 Lbs, Maximum
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
1400 VRMS
2) Characteristic Impedance
50 +/- 2
3) Inductance
0.077 µH/ft, Nominal
4) Ground Capacitance
30.8 pf/ft @1 kHz, Nominal
5) Velocity of Propagation
66 %
6) Conductor DCR
10.8 /1000ft @20°C, Nominal
7) OA Shield DCR
4.1 /1000ft @20\°C, Nominal
8) Voltage Withstanding
5 kV, Minimum
9) Corona Extinction
1.9 kV, Minimum
10) Attenuation, Nom dB/100ft
0.4 @ 1 MHz
1.4 @ 10 MHz
3.3 @ 50 MHz
4.9 @ 100 MHz
7.3 @ 200 MHz
11.5 @ 400 MHz
17 @ 700 MHz
20 @ 900 MHz
21.5 @ 1 GHz
Other
1) Packaging
a) 1000 FT
b) 500 FT
c) 100 FT
www.alphawire.com
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742)
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure there accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not
ensure product availability.
Alpha provides the information and specifications herein on an “AS IS” basis, with no representations or warranties, whether express, statutory or
implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever,
even if Alpha had been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out
of or in connection with the use, or inability to use, the information or specifications described herein.
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com