Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSA25LS-050 Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSA25LS-050
Description  25W Universal Input, Compact PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA25LS-050 Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSA25LS-050 Datasheet HTML 1Page - Phihong USA Inc. PSA25LS-050 Datasheet HTML 2Page - Phihong USA Inc. PSA25LS-050 Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PSA25LS Characteristics
WWW.PHIHONG.COM
Input:
AC Input Voltage Rating
100 to 240V AC
AC Input Voltage Range
85 to 260V AC
AC Input Frequency
47 to 63Hz
Input Current
0.8A (RMS) at 120V AC
0.4A (RMS) at 240V AC
Leakage Current
3.5mA maximum at 254V AC
Inrush Current
30A maximum at 120V AC
60A maximum at 240V AC
Hold-up Time
16.7mS minimum at maximum load and 120V AC
Output:
Efficiency
75% typical at maximum load and 115V AC
Over-Voltage Protection
Zener Diode Clamping
Over-Current Protection
Short Circuit Protection – Auto-Restart
Short-Circuit Protection
Output can be shorted without damage
Environmental:
Temperature
Operation
0 to 50°C
Non-operation
-25 to +75°C
Humidity
Operation
0 to 85% non-condensing
Emissions
FCC Class B
EN55022 Class B
Immunity
EN50082-1:
1997
EN61000-4-2
Level 3
EN61000-4-3
Level 2
EN61000-4-4
Level 2
EN61000-4-5
Level 3
EN61000-4-6
Level 2
EN61000-4-11
General:
Insulation Resistance
Input to Output: 500V DC 10M Ohm minimum
Dielectric Withstand (Hi-pot) Test
Input to Output: 3000V AC for 1 min., 10mA
Input to Ground: 1500V AC for 1 min, 10mA
Switching Frequency
100KHz (typical)
MTBF (Full load and 110V AC, 25°C)
MIL-HDBK-217F: 150K hrs
AC Input Connector (Molex or Equivalent)
EN60320/C14
DC Output Connector
Molex 09-65-2048 or equivalent



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com