Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSA25LS-050 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSA25LS-050
Description  25W Universal Input, Compact PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA25LS-050 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSA25LS-050 Datasheet HTML 1Page - Phihong USA Inc. PSA25LS-050 Datasheet HTML 2Page - Phihong USA Inc. PSA25LS-050 Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised 10/16/2013
WWW.PHIHONG.COM
25W Universal Input, Compact PCB
PSA25LS Open Frame with C14 Connector
Features
 Compact 2” x 5: PCB
 Low .85” Profile
 CISPR 22B ; FCC B EMI
 Integral AC Connector
Applications
 Networking
 Peripherals and Terminals
 Compact Equipment
 Microcomputers
Safety Approvals
 cUL 1950
 TUV EN60950
 CE (Low Voltage Directive)
Mechanical Characteristics
 Length: 127mm (5in)
 Height: 21.4mm (0.85in)
 Width: 50.8mm (2in)
 Weight: 135g (4.7oz)
Output Specifications
*Measured at maximum load by using a 12-inch twisted pair, terminated with a 10mfd capacitor and 0.1mfd ceramic in
parallel.
Note (1) – Minimum order quantity of 2000 pieces required for this series
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for the
most up-to-date specifications and contact information.
Model
(1)
(3 Wire Version)
DC Output
Voltage
Load
Ripple*
Regulation
Max
Power
Min.
Max.
P-P (max.)
Line
Load
PSA25LS-033
3.3V
0A
5A
50mV
±1%
±2%
16.5W
PSA25LS-050
5.0V
0A
5A
50mV
±1%
±2%
25.0W


Similar Part No. - PSA25LS-050

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA25LS-050 PHIHONG-PSA25LS-050 Datasheet
173Kb / 2P
25W Universal Input, Compact PCB
More results

Similar Description - PSA25LS-050

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFS25 ARTESYN-NFS25 Datasheet
56Kb / 3P
25W AC/DC Universal Input Switch Mode Power Supplies
NAL25 ARTESYN-NAL25 Datasheet
300Kb / 3P
25W AC/DC Universal Input Switch Mode Power Supplies
logo
MicroPower Direct, LLC
MPM-25S MPD-MPM-25S Datasheet
217Kb / 2P
Universal Input, 25W Miniature, PC Mount AC/DC Power Supplies
logo
Phihong USA Inc.
PSA25LS-033 PHIHONG-PSA25LS-033 Datasheet
173Kb / 2P
25W Universal Input, Compact PCB
PSM202A PHIHONG-PSM202A Datasheet
148Kb / 2P
18W Universal Input, Compact PCB, 3.3V/5V Outputs
PSA15LN PHIHONG-PSA15LN Datasheet
64Kb / 3P
15W Universal Input, Compact PCB, 3.3 to 24V DC
logo
MicroPower Direct, LLC
MI2500RW MPD-MI2500RW Datasheet
809Kb / 4P
Compact, 25W, 2:1 Input Range DC/DC Converters
logo
GAPTEC Electronic GmbH ...
25ACBE GAPTEC-25ACBE Datasheet
2Mb / 5P
25W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
25ACBEW GAPTEC-25ACBEW Datasheet
4Mb / 5P
25W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
25ACP GAPTEC-25ACP Datasheet
776Kb / 3P
25W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com