Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSA160-216-R Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSA160-216-R
Description  160 Watt Low Cost Open Frame Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA160-216-R Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSA160-216-R Datasheet HTML 1Page - Phihong USA Inc. PSA160-216-R Datasheet HTML 2Page - Phihong USA Inc. PSA160-216-R Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised 7/25/2013
WWW.PHIHONG.COM
160 Watt Low Cost Open Frame Power Supply
PSA160U 1U Switching Power Supply for IT Solutions
Features
 2” x 4” footprint
 Fits 1U height requirements
 Class B EMI
 OCP, OVP and Short Circuit Protection
Applications
 IT Equipment
 Networking Equipment
 Cable TV
 Multimedia Equipment
Safety Approvals
 CE
 cUL/UL
Mechanical Characteristics
(1)
 Length: 101.6mm (4in)
 Height: 34.5mm (1.36in)
 Width: 50.8mm (2in)
 Weight: 184-195g (6.49-6.88oz)
Output Specifications
Notes (1) – 12V model has a weight of 184g, while all other models weigh 195g
Notes (2) – CFM forced air required, load drops to 56.3% of maximum without fan
Notes (3) – CFM forced air required for full power – 90W without fan
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for the
most up-to-date specifications and contact information.
Model
DC Output
Voltage
Load
Ripple
Regulation
Max
Power
(3)
Min.
Max.
(2)
P-P (max.)
Line
Load
PSA160-210-R
12V
50mA
13.34A
200mV
±5%
159.6W
12V-fan
50mA
0.4A
+30% -20%
4.8W
PSA160-212-R
24V
50mA
6.67A
270mV
±5%
160.1W
12V-fan
50mA
0.4A
+30% -20%
4.8W
PSA160-218-R
48V
50mA
3.34A
400mV
±5%
160.3W
12V-fan
50mA
0.4A
+30% -20%
4.8W
PSA160-216-R
56V
50mA
2.86A
480mV
±5%
160.2W
12V-fan
50mA
0.4A
+30% -20%
4.8W


Similar Part No. - PSA160-216-R

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA1650A ZCOMM-PSA1650A Datasheet
82Kb / 2P
LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA1650A ZCOMM-PSA1650A Datasheet
86Kb / 2P
Frequency Range:
PSA1650A ZCOMM-PSA1650A_10 Datasheet
86Kb / 2P
PHASE LOCKED LOOP
PSA1675A ZCOMM-PSA1675A Datasheet
79Kb / 2P
LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA1675A ZCOMM-PSA1675A Datasheet
82Kb / 2P
PHASE LOCKED LOOP
More results

Similar Description - PSA160-216-R

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPS40-1 TOTAL-POWER-TPS40-1 Datasheet
102Kb / 3P
40 WATT OPEN - FRAME SWITCHING POWER SUPPLY
logo
CUI INC
VS-100F-5 CUI-VS-100F-5 Datasheet
86Kb / 2P
Open Frame Power Supply
logo
Phihong USA Inc.
PSA065-120 PHIHONG-PSA065-120 Datasheet
80Kb / 2P
65 Watt Open-Frame Power Supply
PSA075-050 PHIHONG-PSA075-050 Datasheet
89Kb / 2P
75 Watt Low Cost Open Frame Power Supply
PSA120-050 PHIHONG-PSA120-050 Datasheet
76Kb / 2P
120 Watt Low Cost Open Frame Power Supply
logo
Volgen Kaga Electronics...
KLS30F-05S VOLGEN-KLS30F-05S Datasheet
296Kb / 2P
30 WATT OPEN FRAME POWER SUPPLY
logo
Phihong USA Inc.
PSA065-120 PHIHONG-PSA065-120_14 Datasheet
102Kb / 2P
65 Watt* Open-Frame Power Supply
PSA065M-120M PHIHONG-PSA065M-120M_14 Datasheet
78Kb / 2P
65 Watt* Open-Frame Power Supply
PSA075-050 PHIHONG-PSA075-050_14 Datasheet
116Kb / 2P
75 Watt Low Cost Open Frame Power Supply
PSA120-050 PHIHONG-PSA120-050_14 Datasheet
168Kb / 3P
120 Watt Low Cost Open Frame Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com