Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSA160-216-R Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSA160-216-R
Description  160 Watt Low Cost Open Frame Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA160-216-R Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSA160-216-R Datasheet HTML 1Page - Phihong USA Inc. PSA160-216-R Datasheet HTML 2Page - Phihong USA Inc. PSA160-216-R Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PSA160 Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Range
90 to 264VAC
AC Input Rating
100 to 240VAC
AC Input Frequency
47-63Hz
AC Input Current
2.2A (RMS) maximum at 115VAC
1.2A (RMS) maximum at 230VAC
AC Inrush Current
40A maximum at 115VAC
70A maximum at 230VAC
Leakage Current
1mA maximum
OUTPUT:
Output Power
160W with fan
90W without fan
4.8W – Fan output
Efficiency (at full power)
86-88% at 115VAC
88-90% at 230VAC
ENVIRONMENTAL:
Operating temperature
-20°C to 70°C
Storage Temperature
-40°C to 85°C
Humidity
20 to 90% RH
Cooling
12.6 CFM for full power
w/ fan - 160W, 100% load at maximum 45°C
w/o fan – 90W, 56.3% load with 35°C
EMC
EN55022 Class B
EMI
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-100
EN61000-4-11
EN61000-3-2
Class D
EN61000-3-3
Dielectric Withstand (HI-POT) Test
Primary to Secondary: 3000VAC for 1 minute
Primary to Ground: 1500VAC for 1 minute
Insulation Resistance:
Primary to Secondary: >7M ohm 500VDC
Over-Voltage Protection
135% maximum
Over Current Protection
105~150%, Auto recovery
Short Circuit Protection
Output can be shorted permanently without
damage
AC Input Connector
3 Pin 3.96mm, PIN 2 N.C.
DC Output Connector
8 Pin 3.96mm
Fan Output Connector
2 Pin 2.00mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com