Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC-105-1 Datasheet(PDF) 13 Page - Alpha Wire

Part # PVC-105-1
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-1 Datasheet(HTML) 13 Page - Alpha Wire

Back Button PVC-105-1 Datasheet HTML 9Page - Alpha Wire PVC-105-1 Datasheet HTML 10Page - Alpha Wire PVC-105-1 Datasheet HTML 11Page - Alpha Wire PVC-105-1 Datasheet HTML 12Page - Alpha Wire PVC-105-1 Datasheet HTML 13Page - Alpha Wire PVC-105-1 Datasheet HTML 14Page - Alpha Wire PVC-105-1 Datasheet HTML 15Page - Alpha Wire PVC-105-1 Datasheet HTML 16Page - Alpha Wire PVC-105-1 Datasheet HTML 17Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
493
FIT > FIT Wire Management > Loom Tee Connector Fittings
FIT® Wire Management
Loom Tee Connector Fittings
Type 493
Operating Temperature
• -40°C to +90°C
Color
• Black
Material
• Polypropylene
Chemical Properties
• Corrosive effect: none
• Fungus resistance: no growth
• Lead free
Availability
Single pieces
Part No.
Mating Loom Size
Left
Center
Right
Inch
mm
Inch
mm
Inch
mm
493100
0.413 or
0.500
10.49 or
12.70
0.413 or
0.500
10.49 or
12.70
0.413 or
0.500
10.49 or
12.70
493101
0.500
12.70
0.350
8.89
0.750
19.05
493102
0.500
12.70
0.413
10.49
0.750
19.05
493103
0.750
19.05
0.500
12.70
0.750
19.05
493110
0.413
10.49
0.350
8.89
0.350
8.89
493118
1.000
25.40
0.625
15.88
0.100
2.54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com