Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC-105-1 Datasheet(PDF) 2 Page - Alpha Wire

Part # PVC-105-1
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-1 Datasheet(HTML) 2 Page - Alpha Wire

  PVC-105-1 Datasheet HTML 1Page - Alpha Wire PVC-105-1 Datasheet HTML 2Page - Alpha Wire PVC-105-1 Datasheet HTML 3Page - Alpha Wire PVC-105-1 Datasheet HTML 4Page - Alpha Wire PVC-105-1 Datasheet HTML 5Page - Alpha Wire PVC-105-1 Datasheet HTML 6Page - Alpha Wire PVC-105-1 Datasheet HTML 7Page - Alpha Wire PVC-105-1 Datasheet HTML 8Page - Alpha Wire PVC-105-1 Datasheet HTML 9Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
482
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
FIT® Wire Management
Better wire management means better harnesses
Bringingordertowire
harnesses and cable routing
means a system that is more
reliable, easier to fabricate, and
simpler to maintain. Our woven
sleeves are tough and flexible. For
additional resistance to chemicals,
oils, and solvents, our flexible tubing
offers exceptional performance
and operates at temperatures as
high as 260°C. Our braided shields
are effective and easy to use for
additional EMI protection or a
ground connection.
Neatness counts
As a leader in premium products,
Alpha Wire knows wire and cable.
And we know the challenges you
face in creating harnesses, routing,
and combating noise. Our FIT
wire management products are
designed to tame the most
unruly applications.
Harnessing
Make any wire harness organized,
manageable, and neat with our
tubing, sleeving, spiral wrap tubing,
zipper tubing, and lacing tape.
Our unique ZIP-GRP expandable,
enclosure sleeving allows easy
re-entry and unlimited wire and
cable break outs with its hook and
loop fastener system.
Shielding
Add shielding easily and quickly.
We offer flat, round, and oval
braided shielding for additional
protection against EMI and for
grounding protection. Our copper
foil shielding tape is backed with
a highly conductive, pressure-
sensitive adhesive for use in a
wide variety of EMI/RFI shielding
applications in cable and
connector assemblies.
Routing
Get the advantages of conduit in
a flexible non-metallic, liquid-tight
tubing and connection system
that protects wire, copper cable,
and fiber-optic cable in factories,
offices, or underground installations.
Use our watertight tubing to
replace rigid raceways where
flexibility, re-entry, or re-usability is
required. Additionally, Alpha offers
split looms to provide a convenient
solution for your routing needs.
482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com