Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC105-0 Datasheet(PDF) 32 Page - Alpha Wire

Part # PVC105-0
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC105-0 Datasheet(HTML) 32 Page - Alpha Wire

Back Button PVC105-0 Datasheet HTML 28Page - Alpha Wire PVC105-0 Datasheet HTML 29Page - Alpha Wire PVC105-0 Datasheet HTML 30Page - Alpha Wire PVC105-0 Datasheet HTML 31Page - Alpha Wire PVC105-0 Datasheet HTML 32Page - Alpha Wire PVC105-0 Datasheet HTML 33Page - Alpha Wire PVC105-0 Datasheet HTML 34Page - Alpha Wire PVC105-0 Datasheet HTML 35Page - Alpha Wire PVC105-0 Datasheet HTML 36Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
512
FIT > FIT Wire Management > Expandable Braided Sleeving
FIT® Wire Management
Expandable Braided Sleeving
XS-100HD
UL 224
UL UZKX2
CSA 5836 01
• Extremely flexible
• Light weight
• Easy to install
Operating Temperature
• -70°C to +125°C
• 250°C melt temperature
Color
• Black
Material
• Heavy-duty braided PET
Physical Properties
• Tensile strength: 90,000 psi
(620 N/mm2)
• Elongation: 25% min.
• Specific gravity: 1.31 max.
Part No.
Inside
Diameter, Min.
Expanded Inside
Diameter, Max.
Wall
Thickness
Construction
Standard
Put-Ups
Inch
mm
Inch
mm
Inch
mm
Carriers
Yarns
Total
Ft
m
XHD3/8
0.188
4.78
0.750
19.05
0.042
1.07
24
3
72
500
152
XHD5/8
0.313
7.95
1.000
25.40
0.042
1.07
32
3
96
500
152
XHD1IN
0.500
12.70
1.500
38.10
0.042
1.07
48
3
144
250
76
XHD1-1/2
1.000
25.40
2.000
50.80
0.042
1.07
72
3
216
200
61
XHD2IN
1.500
38.10
3.000
76.20
0.042
1.07
93
3
288
100
30.5
Chemical Properties
• Corrosive effect: none
• Fungus resistance: no growth
• Halogen free
• Lead free
Availability
See table
Spools may contain multiple
lengths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com