Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC105-0 Datasheet(PDF) 18 Page - Alpha Wire

Part # PVC105-0
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC105-0 Datasheet(HTML) 18 Page - Alpha Wire

Back Button PVC105-0 Datasheet HTML 14Page - Alpha Wire PVC105-0 Datasheet HTML 15Page - Alpha Wire PVC105-0 Datasheet HTML 16Page - Alpha Wire PVC105-0 Datasheet HTML 17Page - Alpha Wire PVC105-0 Datasheet HTML 18Page - Alpha Wire PVC105-0 Datasheet HTML 19Page - Alpha Wire PVC105-0 Datasheet HTML 20Page - Alpha Wire PVC105-0 Datasheet HTML 21Page - Alpha Wire PVC105-0 Datasheet HTML 22Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
498
FIT > FIT Wire Management > Flexible PTFE Standard-Wall Tubing
FIT® Wire Management
Flexible PTFE Standard-Wall Tubing
TFT-250
ASTM D 3295-81a Type I
Class C
MIL-I-22129
• Excellent heat and chemical
resistance
• Flexible wire protection for
harnesses and ground straps
• Resistance to heat, oil,
and abrasion
Operating Temperature
• -75°C to +260°C
Color
• Natural
Material
• PTFE
Physical Properties
• Tensile strength: 2000 psi
(13.7 N/mm2)
• Elongation: 200% min.
• Specific gravity: 2.18
• Flammability rating: UL 94V-0
Chemical Properties
• Corrosive effect: none
• Fungus resistance: no growth
• Water absorption: 0.01%
• Lead free
Electrical Properties
• Dielectric strength: 1400 V/mil
(551 kV/cm)
• Volume resistivity: 1018 ohm-cm
• Dielectric constant: 2.1
Availability
See table
Spools may contain multiple
lengths
TFT-200-7 and larger supplied
as coils
Part No.
Inside Diameter, Min.
Inside Diameter, Max.
Wall Thickness, Min.
Standard Put-Ups
Inch
mm
Inch
mm
Inch
mm
Ft
m
TFT-250-24
0.020
0.51
0.026
0.66
0.012
0.30
100, 500, 1000
30.5, 152, 305
TFT-250-22
0.025
0.64
0.032
0.81
0.012
0.30
100, 500, 1000
30.5, 152, 305
TFT-250-20
0.032
0.81
0.040
1.02
0.016
0.41
100, 500, 1000
30.5, 152, 305
TFT-250-19
0.036
0.91
0.044
1.12
0.016
0.41
100, 500, 1000
30.5, 152, 305
TFT-250-18
0.040
1.02
0.049
1.24
0.016
0.41
100, 500, 1000
30.5, 152, 305
TFT-250-17
0.045
1.14
0.054
1.37
0.016
0.41
100, 1000
30.5, 305
TFT-250-16
0.051
1.30
0.061
1.55
0.016
0.41
100, 500, 1000
30.5, 152, 305
TFT-250-15
0.057
1.45
0.067
1.70
0.016
0.41
100, 500
30.5, 152
TFT-250-14
0.064
1.63
0.074
1.88
0.016
0.41
100, 500
30.5, 152
TFT-250-13
0.072
1.83
0.082
2.08
0.016
0.41
100
30.5
TFT-250-12
0.081
2.06
0.091
2.31
0.016
0.41
100
30.5
TFT-250-11
0.091
2.31
0.101
2.57
0.016
0.41
100, 500
30.5, 152
TFT-250-10
0.102
2.59
0.112
2.84
0.016
0.41
100, 500
30.5, 152
TFT-250-9
0.114
2.90
0.124
3.15
0.020
0.51
100, 500
30.5, 152
TFT-250-8
0.129
3.28
0.141
3.58
0.020
0.51
100
30.5
TFT-250-7
0.144
3.66
0.158
4.01
0.020
0.51
100
30.5
TFT-250-6
0.162
4.11
0.178
4.52
0.020
0.51
100*
30.5*
TFT-250-5
0.182
4.62
0.196
4.98
0.020
0.51
100*
30.5*
TFT-250-4
0.204
5.18
0.224
5.69
0.020
0.51
100*
30.5*
TFT-250-3
0.229
5.82
0.249
6.32
0.020
0.51
100*
30.5*
TFT-250-2
0.258
6.55
0.278
7.06
0.020
0.51
100*
30.5*
TFT-250-1
0.289
7.34
0.311
7.90
0.020
0.51
100*
30.5*
TFT-250-0
0.325
8.26
0.342
8.69
0.020
0.51
100*
30.5*
*Supplied as coils.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com