Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA13 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # MPSA13
Description  NPN EPITAXIAL PLANAR DARLINGTON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MPSA13 Datasheet(HTML) 1 Page - Continental Device India Limited

  MPSA13 Datasheet HTML 1Page - Continental Device India Limited MPSA13 Datasheet HTML 2Page - Continental Device India Limited MPSA13 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN EPITAXIAL PLANAR DARLINGTON TRANSISTORS
MPSA 13
MPSA 14
TO-92
CBE
ABSOLUTE MAXIMUM RATINGS.
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Emitter Voltage
VCES
30
V
Collector -Base Voltage
VCBO
30
V
Emitter -Base Voltage
VEBO
10
V
Collector Current -Continuous
IC
500
mA
Power Dissipation @ Ta=25 degC
PD
625
mW
Derate above 25 deg C
5.0
mW./deg C
Power Dissipation @ Tc=25 degC
PD
1.5
W
Derate above 25 deg C
12
mW./deg C
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
83.3
deg C/W
Junction to Ambient
Rth(j-a)
200
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
Min
Max
UNIT
Collector -Emitter Voltage
VCES
IC=100uA,IB=0
30
-
V
Collector-Cut off Current
ICBO
VCB=30V, IE=0
-
100
nA
Emitter-Cut off Current
IEBO
VEB=10V, IC=0
-
100
nA
DC Current Gain
hFE*
MPSA13 IC=10mA,VCE=5V
5.0
-
K
MPSA14
10
-
K
MPSA13 IC=100mA,VCE=5V
10
-
K
MPSA14
20
-
K
Collector Emitter Saturation Voltage
VCE(Sat)* IC=100mA, IB=0.1mA
-
1.5
V
Base Emitter On Voltage
VBE(on) *
IC=100mA,VCE=5V
-
2.0
V
DYNAMIC CHARACTERISTICS
.
Current Gain-Bandwidth Product
ft**
IC=10mA, VCE=5V
125
-
MHz
f=100MHz
*Pulse Test: Pulse Width=300us, Duty Cycle=2%
**ft=/hfe/*ftest.
Continental Device India Limited
Data Sheet
Page 1 of 3
E B
C
E B
C
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - MPSA13

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
Darlington Transistors
logo
ON Semiconductor
MPSA13 ONSEMI-MPSA13 Datasheet
72Kb / 6P
Darlington Transistors NPN Silicon
June, 2005 ??Rev. 3
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
KEC(Korea Electronics)
MPSA13 KEC-MPSA13 Datasheet
62Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE DARLINGTON TRANSISTOR)
More results

Similar Description - MPSA13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD1536M ETC-2SD1536M Datasheet
48Kb / 1P
Epitaxial Planar NPN Silicon Darlington Transistors
logo
Sanyo Semicon Device
2SB1700 SANYO-2SB1700 Datasheet
35Kb / 4P
PNP/NPN Epitaxial Planar Silicon Darlington Transistors
logo
Continental Device Indi...
BCX38A CDIL-BCX38A Datasheet
95Kb / 3P
NPN SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTORS
logo
Diotec Semiconductor
BCX38B DIOTEC-BCX38B Datasheet
108Kb / 2P
Si-Epitaxial Planar Darlington-Transistors
logo
TRANSYS Electronics Lim...
MPSA13 TEL-MPSA13 Datasheet
86Kb / 2P
NPN EPITAXIAL PLANAR DARLINGTON TRANSISTORS
logo
Micro Commercial Compon...
TIP120 MCC-TIP120 Datasheet
500Kb / 2P
NPN Epitaxial Darlington Transistors
TIP120 MCC-TIP120_11 Datasheet
526Kb / 2P
NPN Epitaxial Darlington Transistors
logo
Continental Device Indi...
MPSA28 CDIL-MPSA28 Datasheet
125Kb / 4P
NPN SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTORS
logo
Micro Commercial Compon...
TIP120 MCC-TIP120_13 Datasheet
340Kb / 2P
NPN Epitaxial Darlington Transistors
logo
New Jersey Semi-Conduct...
MPSA28 NJSEMI-MPSA28 Datasheet
180Kb / 2P
NPN SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com