Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD148 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # MJD148
Description  NPN SILICON PLASTIC POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MJD148 Datasheet(HTML) 1 Page - Continental Device India Limited

  MJD148 Datasheet HTML 1Page - Continental Device India Limited MJD148 Datasheet HTML 2Page - Continental Device India Limited MJD148 Datasheet HTML 3Page - Continental Device India Limited MJD148 Datasheet HTML 4Page - Continental Device India Limited MJD148 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NPN SILICON PLASTIC POWER TRANSISTORS
MJD148
DPAK (TO-252)
Plastic Package
Designed for General Purpose Amplifier and Low Speed Switching Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNIT
Collector Emitter Voltage
VCEO
V
Collector Base Voltage
VCBO
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
A
Peak
A
Base Current
IB
mA
Total Power Dissipation at Tc=25ºC
PD
W
Derate Above 25ºC
W/ºC
Total Power Dissipation at Ta=25ºC
*PD
W
Derate Above 25ºC
W/ºC
Operating and Storage Junction
Temperature Range
Tj, Tstg
ºC
THERMAL CHARACTERISTICS
Junction to Case
Rth (j-c)
ºC/W
Junction to Ambient in free air
*Rth (j-a)
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Sustaining Voltage
**VCEO(sus)
IC=100mA, IB=0
45
V
Collector Cut Off Current
ICBO
VCB=45V, IE=0
20
µA
Emitter Cut Off Current
IEBO
VEB=5V, IC=0
1.0
mA
DC Current Gain
**hFE
IC=10mA, VCE=5V
40
IC=0.5A, VCE=1V
85
375
IC=2A, VCE=1V
50
IC=3A, VCE=1V
30
*These rating are applicable when surface mounted on the minimum pad sizes recommended
**Pulse Test:- Pulse Width < 300
µµs, Duty Cycle < 2%
MJD148Rev010206E
- 55 to +150
20
0.16
6.25
0.014
VALUE
45
1.75
4.0
5.0
45
7.0
50
71.4
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - MJD148

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD148 ONSEMI-MJD148 Datasheet
69Kb / 6P
NPN Silicon Power Transistor
June, 2004 ??Rev. 2
MJD148 ONSEMI-MJD148 Datasheet
115Kb / 5P
NPN Silicon Power Transistor
January, 2011 ??Rev. 5
MJD148 ONSEMI-MJD148 Datasheet
91Kb / 6P
NPN Silicon Power Transistor
May, 2016 ??Rev. 9
logo
Nexperia B.V. All right...
MJD148 NEXPERIA-MJD148 Datasheet
220Kb / 10P
45 V, 4 A NPN high power bipolar transistor
26 April 2021
logo
Inchange Semiconductor ...
MJD148 ISC-MJD148 Datasheet
279Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - MJD148

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TIP100 MCC-TIP100 Datasheet
167Kb / 4P
NPN Plastic Medium-Power Silicon Transistors
TIP100 MCC-TIP100_11 Datasheet
249Kb / 4P
NPN Plastic Medium-Power Silicon Transistors
logo
New Jersey Semi-Conduct...
2N4921 NJSEMI-2N4921 Datasheet
151Kb / 1P
MEDIUM-POWER PLASTIC NPN SILICON TRANSISTORS
MJE341 NJSEMI-MJE341 Datasheet
117Kb / 3P
Plastic NPN Silicon Medium-Power Transistors
logo
ON Semiconductor
2N4921G ONSEMI-2N4921G_13 Datasheet
150Kb / 6P
Medium-Power Plastic NPN Silicon Transistors
December, 2013 ??Rev. 14
2N5655G ONSEMI-2N5655G_13 Datasheet
129Kb / 5P
Plastic NPN Silicon High-Voltage Power Transistors
December, 2013 ??Rev. 12
2N4921G ONSEMI-2N4921G_17 Datasheet
198Kb / 6P
Medium-Power Plastic NPN Silicon Transistors
January, 2017 ??Rev. 15
BD435G ONSEMI-BD435G Datasheet
84Kb / 4P
Plastic Medium-Power Silicon NPN Transistors
December, 2013 ??Rev. 17
BD135G ONSEMI-BD135G_13 Datasheet
86Kb / 4P
Plastic Medium-Power Silicon NPN Transistors
December, 2013 ??Rev. 17
logo
Micro Commercial Compon...
TIP100 MCC-TIP100_13 Datasheet
194Kb / 4P
NPN Plastic Medium-Power Silicon Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com