Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD148 Datasheet (PDF) - ON Semiconductor

MJD148 Datasheet PDF - ON Semiconductor
Part # MJD148
Download  MJD148 Download
File Size   69.4 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description NPN Silicon Power Transistor

MJD148 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJD148 Datasheet PDF - ON Semiconductor

Part # MJD148
Download  MJD148 Click to download

File Size   69.4 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description NPN Silicon Power Transistor

MJD148 Datasheet (HTML) - ON Semiconductor


MJD148 Product details

NPN Silicon Power Transistor
DPAK For Surface Mount Applications

Designed for general purpose amplifier and low speed switching applications.

Features
• High Gain − 50 Min @ IC = 2.0 A
• Low Saturation Voltage − 0.5 V @ IC = 2.0 A
• High Current Gain − Bandwidth Product − fT = 3.0 MHz Min @ IC = 250 mAdc
• Epoxy Meets UL 94 V−0 @ 0.125 in
• ESD Ratings: Human Body Model, 3B; >8000 V
                         Machine Model, C; >400 V
• This is a Pb−Free Package




Similar Part No. - MJD148

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD148 ONSEMI-MJD148 Datasheet
115Kb / 5P
NPN Silicon Power Transistor
January, 2011 ??Rev. 5
logo
Continental Device Indi...
MJD148 CDIL-MJD148 Datasheet
596Kb / 5P
NPN SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
MJD148 ONSEMI-MJD148 Datasheet
91Kb / 6P
NPN Silicon Power Transistor
May, 2016 ??Rev. 9
logo
Nexperia B.V. All right...
MJD148 NEXPERIA-MJD148 Datasheet
220Kb / 10P
45 V, 4 A NPN high power bipolar transistor
26 April 2021
logo
Inchange Semiconductor ...
MJD148 ISC-MJD148 Datasheet
279Kb / 2P
Silicon NPN Power Transistor
More results


Similar Description - MJD148

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com