Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N1613 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N1613
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N1613 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N1613 Datasheet HTML 1Page - Continental Device India Limited 2N1613 Datasheet HTML 2Page - Continental Device India Limited 2N1613 Datasheet HTML 3Page - Continental Device India Limited 2N1613 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
2N1613
TO-39
Metal Can Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
SMALL SIGNAL CHARACTERISTICS
Small Signal Current Gain
| hfe |IC=1mA, VCE=5V,
30
100
f=1kHz
IC=5mA, VCE=10V,
35
150
f=1kHz
Input Impedance
hib
IC=1mA,VCB=5V,f=1kHz
24
34
Ω
IC=5mA,VCE=10V,f=1kHz
4.0
8.0
Ω
Voltage Feedback Ratio
hrb
IC=1mA,VCE=5V,f=1.0kHz
3.0
X10
-4
IC=5mA,VCE=10V,f=1kHz
3.0
X10
-4
Output Admittance
hob
IC=1mA,VCE=5V,f=1kHz
0.05
0.5
µmho
IC=5mA,VCE=10V,f=1kHz
0.05
0.5
µmho
Current Gain Bandwidth Product
fT*IC=50mA,VCE=10V,f=20MHz
60
ΜΗz
Output Capacitance
Cob
VCB=10V, IE=0, f=100kHz
10
25
pF
Input Capacitance
Cib
VEB=0.5V, IC=0, f=100kHz
50
80
pF
Noise Figure
NF
IC=300µA,VCE=10V,RS=510Ω
12
d
Β
f=1kHz
*Pulse Test: Pulse Length <300
µs, Duty Cycle <1.0%
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com