Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N1613 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N1613
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N1613 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N1613 Datasheet HTML 1Page - Continental Device India Limited 2N1613 Datasheet HTML 2Page - Continental Device India Limited 2N1613 Datasheet HTML 3Page - Continental Device India Limited 2N1613 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
2N1613
TO-39
Metal Can Package
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNITS
Collector Emitter Voltage (RBE<10
Ω)
VCER
50
V
Collector Base Voltage
VCBO
75
V
Emitter Base Voltage
VEBO
7.0
V
Collector Current Continuous
IC
500
mA
Power Dissipation @ Ta=25ºC
PD
800
mW
Derate Above 25ºC
4.57
mW/ºC
Power Dissipation@ Tc=25ºC
PD
3W
Derate Above 25ºC
17.15
mW/ºC
Operating And Storage Junction
Tj, Tstg
-65 to +200
ºC
Temperature Range
THERMAL RESISTANCE
Junction to Ambient
Rth(j-a)
218.7
ºC/W
Junction to Case
Rth(j-c)
58.3
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
MIN
TYP
MAX
UNITS
Collector Emitter Breakdown Voltage
VCER(sus)* IC=100mA,RBE <10Ω
50
V
Collector Base Breakdown Voltage
BVCBO
IC=100µA, IE=0
75
V
Emitter Base Breakdown Voltage
BVEBO
IE =100µA, IC=0
7
V
Collector Leakage Current
ICBO
VCB=60V, IE=0
10
nA
VCB=60V, IE=0,TA=150ºC
10
µA
Emitter Leakage Current
IEBO
VEB=5V,IC=0
10
nA
Collector Emitter Saturation Voltage
VCE(Sat) *IC=150mA,IB=15mA
0.3
1.5
V
Base Emitter Saturation Voltage
VBE(Sat) *IC=150mA,IB=15mA
0.78
1.3
V
DC Current Gain
hFE*IC=0.1mA,VCE=10V
20
35
IC=10mA,VCE=10V
35
50
IC=150mA,VCE=10V
40
80
120
IC=500mA,VCE=10V
20
30
IC=10mA,VCE=10V
20
Ta=-55ºC
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N1613

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N1613 PHILIPS-2N1613 Datasheet
51Kb / 8P
NPN medium power transistor
1997 Apr 11
logo
STMicroelectronics
2N1613 STMICROELECTRONICS-2N1613 Datasheet
61Kb / 5P
SWITCHES AND UNIVERSAL AMPLIFIERS
Jan-1989
logo
Fairchild Semiconductor
2N1613 FAIRCHILD-2N1613 Datasheet
378Kb / 10P
NPN Small Signal General Purpose Amplifiers
logo
Micro Electronics
2N1613 MICRO-ELECTRONICS-2N1613 Datasheet
92Kb / 2P
NPN LISICON PLANAR EPITAXIAL TRANSISTORS
logo
Microsemi Corporation
2N1613 MICROSEMI-2N1613 Datasheet
59Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
More results

Similar Description - 2N1613

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com