Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA86EU Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PA86EU
Description  A UNIQUE (Patent Pending) TECHNIQUE FOR VERY LOW QUIESCENT CURRENT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA86EU Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PA86EU Datasheet HTML 1Page - List of Unclassifed Manufacturers PA86EU Datasheet HTML 2Page - List of Unclassifed Manufacturers PA86EU Datasheet HTML 3Page - List of Unclassifed Manufacturers PA86EU Datasheet HTML 4Page - List of Unclassifed Manufacturers PA86EU Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546–2739
2
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to −VS
250V
OUTPUT CURRENT, peak (200ms)
200mA, within SOA
POWER DISSIPATION, internal, DC
23W
INPUT VOLTAGE, Differential
±15V
INPUT VOLTAGE, Common Mode
±Vs
TEMPERATURE, pin solder, 10s, EU
260°C
TEMPERATURE, junction2
150°C.
TEMPERATURE RANGE, storage
−55 to 125°C
OPERATING TEMPERATURE, case
−40 to 125°C
SPECIFICATIONS
PARAMETER
TEST CONDITIONS1
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE
–25
8
25
mV
OFFSET VOLTAGE vs. temperature
0 to 125°C (CaseTemperature)
−63
µV/°C
OFFSET VOLTAGE vs. supply
32
µV/V
BIAS CURRENT, initial
8.5
200
pA
OFFSET CURRENT, initial
12
400
pA
INPUT RESISTANCE, DC
108
Ω
COMMON MODE VOLTAGE RANGE, pos.
+V
S – 2
V
COMMON MODE VOLTAGE RANGE, neg.
–V
S + 5.5
V
COMMON MODE REJECTION, DC
90
118
dB
NOISE
700KHz
418
µV RMS
NOISE, V
ONOISE
500
nV/√Hz
GAIN
OPEN LOOP @ 1Hz
89
120
dB
GAIN BANDWIDTH PRODUCT @ 1MHz
1
MHz
PHASE MARGIN
Full temperature range
50
°
OUTPUT
VOLTAGE SWING
I
O = 10mA
|V
S| − 2
V
VOLTAGE SWING
I
O = 100mA
|V
S| − 8.6
|V
S| − 12
V
VOLTAGE SWING
I
O = 150mA
|V
S| − 10
V
CURRENT, continuous, DC
150
mA
SLEW RATE
Package Tab Connected to GND
100
350
V/µS
SETTLING TIME, to 0.1%
5V Step (No Compensation)
1
µS
POWER BANDWIDTH, 300V
P–P
+V
S = 160V, −VS = –160V
200
kHz
OUTPUT RESISTANCE, No Load
R
CL = 6.2Ω
44
Ω
POWER SUPPLY
VOLTAGE
±10
±50
±125
V
CURRENT, quiescent5
±125V Supply
0.2
0.7
2.5
mA
THERMAL
RESISTANCE, DC, junction to case
Full temperature range
5.5
°C/W
RESISTANCE, junction to air
Full temperature range
12.21
°C/W
TEMPERATURE RANGE, case
−40
125
°C
NOTES: 1. Unless otherwise noted: TC = 25°C, DC input specifications are ± value given, power supply voltage is typical rating.
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate power dissipation to achieve
high MTTF.
3. +V
S and –VS denote the positive and negative supply voltages of the output stage.
4. Rating applies if output current alternates between both output transistors at a rate faster than 60Hz.
5. Supply current increases with signal frequency. See graph on page 4.
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
PA86



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com