Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA86EU Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PA86EU
Description  A UNIQUE (Patent Pending) TECHNIQUE FOR VERY LOW QUIESCENT CURRENT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA86EU Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PA86EU Datasheet HTML 1Page - List of Unclassifed Manufacturers PA86EU Datasheet HTML 2Page - List of Unclassifed Manufacturers PA86EU Datasheet HTML 3Page - List of Unclassifed Manufacturers PA86EU Datasheet HTML 4Page - List of Unclassifed Manufacturers PA86EU Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690–8600 • FAX (520) 888–3329 • ORDERS (520) 690–8601 • EMAIL prodlit@apexmicrotech.com
1
TYPICAL APPLICATION
The PA86 is ideally suited to driving continuous drop ink jet
systems, in both piezo actuation and deflection applications.
Thedeflectionamplifiershownaboveachievesaccuratedroplet
displacement at high speeds to deposit crisp, clear lot code
information on product containers. The external compensation
networks have been optimized to match the gain of the circuit
and the complex impedance of the load. The combination of
high voltage and high speed allow repeatable low cost deflec-
tion of droplets for high production environments.
FEATURES
• A UNIQUE (Patent Pending) TECHNIQUE FOR VERY
LOW QUIESCENT CURRENT
• OVER 350 V/µS SLEW RATE
• WIDE SUPPLY VOLTAGE
• Single Supply: 20V to 250V
• Split Supplies: +/– 10V to +/– 125V
• OUTPUT CURRENT– 150mA cont. ; 200mA Pk
• UP TO 23 WATT DISSIPATION CAPABILITY
• OVER 200 kHz POWER BANDWIDTH
APPLICATIONS
• PIEZOELECTRIC POSITIONING AND ACTUATION
• ELECTROSTATIC DEFLECTION
• DEFORMABLE MIRROR ACTUATORS
• CHEMICAL AND BIOLOGICAL STIMULATORS
DESCRIPTION
The PA86 is a high voltage, high speed Precision IC power
op amp with performance and unique features not found previ-
ously in any commercially available OpAmp .
Novel input stage design of this amplifier provides extremely
high slew rates in pulse applications while maintaining low
quiescent current of under 1mA. This novel input stage also
has the effect of adding variables to the power response and
slew rate characteristics of the amplifier. To a lesser degree,
there are also input related effects on unity gain bandwidth
and phase. It is important to note that the slew rate is a strong
function of input voltage amplitude.
It should be noted that the
package tab needs to be connected to a stable reference
such as GND for high slew rates. Please refer to special
considerations section for details.
The output stages are well protected with user defined
current limit although the Safe Operating Area (SOA) must
be observed for reliable protection. Proper heatsinking is
required for maintaining maximum reliability. External phase
compensation provides the user with great flexibility in trading
gain, stability and bandwidth.
M I C R O T E C H N O L O G Y
PA86
12–PIN SIP
PACKAGE STYLE EU
LEAD FORM EW
BLOCK DIAGRAM


Similar Part No. - PA86EU

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA86 APEX-PA86 Datasheet
430Kb / 4P
POWER OPERATIONAL AMPLIFIER
PA86 APEX-PA86 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
PA86 CIRRUS-PA86 Datasheet
395Kb / 9P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
More results

Similar Description - PA86EU

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SF-BGA529C-B-32 IRONWOOD-SF-BGA529C-B-32 Datasheet
64Kb / 1P
Patent Pending
SF-BGA528A-B-32 IRONWOOD-SF-BGA528A-B-32 Datasheet
62Kb / 1P
Patent Pending
SF-BGA516B-B-42 IRONWOOD-SF-BGA516B-B-42 Datasheet
69Kb / 1P
Patent Pending
SF-BGA520C-B-42 IRONWOOD-SF-BGA520C-B-42 Datasheet
70Kb / 1P
Patent Pending
SF-BGA543A-B-42F IRONWOOD-SF-BGA543A-B-42F Datasheet
123Kb / 1P
Patent Pending
SF-BGA352B-B-42 IRONWOOD-SF-BGA352B-B-42 Datasheet
53Kb / 1P
Patent Pending
logo
Taoglas antenna solutio...
SGP.1575.12.4.A.02 TAOGLAS-SGP.1575.12.4.A.02 Datasheet
1Mb / 12P
patent pending
SGP.1575.15.4.A.02 TAOGLAS-SGP.1575.15.4.A.02 Datasheet
1Mb / 12P
Patent Pending
SGP.1575.25.4.C.02 TAOGLAS-SGP.1575.25.4.C.02 Datasheet
2Mb / 13P
Patent pending
logo
Ohmite Mfg. Co.
WC-SERIES OHMITE-WC-SERIES Datasheet
489Kb / 2P
The unique design (patent pending) of the WC Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com