Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMD075F Datasheet(PDF) 8 Page - Tyco Electronics

Part # ASMD075F
Description  PolySwitch Resettable Devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD075F Datasheet(HTML) 8 Page - Tyco Electronics

Back Button ASMD075F Datasheet HTML 4Page - Tyco Electronics ASMD075F Datasheet HTML 5Page - Tyco Electronics ASMD075F Datasheet HTML 6Page - Tyco Electronics ASMD075F Datasheet HTML 7Page - Tyco Electronics ASMD075F Datasheet HTML 8Page - Tyco Electronics ASMD075F Datasheet HTML 9Page - Tyco Electronics ASMD075F Datasheet HTML 10Page - Tyco Electronics ASMD075F Datasheet HTML 11Page - Tyco Electronics ASMD075F Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
180
RoHS Compliant, ELV Compliant
12
BD
14V — Bladed Device
BD280-1130-10/16
88
13
14
100
4.4
40
8
0.0095
0.0185
0.0185
A13
BD280-1130-15/16
12
12
20
14
100
4.5
60
8
0.0050
0.0070
0.0070
A13
BD280-1130-20/16
16
16
26
14
100
5.2
80
10
0.0028
0.0064
0.0064
A13
BD280-1927-25/16-W
20
20
32
14
100
6.0
100
13
0.0024
0.0042
0.0042
A14
BD280-1927-30/16-W
21
21
38
14
100
6.2
120
13
0.0021
0.0043
0.0043
A14
Part
Number
IH(A)@
R1MAX
IH(A)@
RaMAX
IT
(A)
VMAX
(VDC)
IMAX
(A)
PDTyp
(W)
RMIN
(
Ω)
RaMAX
(
Ω)
Figure for
Dimensions
R1MAX
(
Ω)
Max. Time-to-trip
(A)
(s)
Table A3 Electrical Characteristics for Automotive Devices
Cont’d
Notes:
IH
: Hold current: maximum current device will pass without interruption in 25°C, unless otherwise specified (20°C for ASMD).
IT
: Trip current: minimum current that will switch the device from low resistance to high resistance in 25°C still air, unless otherwise specified.
VMAX : Maximum voltage device can withstand without damage at rated current.
IMAX
: Maximum fault current device can withstand without damage at rated voltage.
PD
: Power dissipated from device when in the tripped state in 25°C still air, unless otherwise specified.
RMIN
: Minimum resistance of device as supplied at 25°C, unless otherwise specified.
R1MAX : Maximum resistance of device when measured one hour post reflow (surface-mount device) or one hour post trip (radial-leaded device) at 25°C unless otherwise specified.
RaMAX : Maximum functional resistance of device after being subjected to the stresses described in PS400 at 25°C, unless otherwise specified.
RaMIN : Minimum functional resistance of device after being subjected to the stresses described in PS400 at 25°C, unless otherwise specified.
B
D
C
G
F
C
L
C
L
C
L C
L
A
E
Figure A5
B
F
A
D
E
C
Figure A6
B
G
C
F
A
D
H
E
Figure A7
J
J
Figure A8
A
E
C
H
Figure A9
A
B
D
CF
C
L
C
L
C
L C
L
E
Figure A10
A
B
D
C
C to
L
C
L
E
F
C
L C
L
Figure A11
B
D
CF
C to
L
C
L
A
E
C
L C
L
Figure A12
D
G
C
B
F
H
A
I
E(x2)
Figure A13
Figure A5-A15 Dimension Figures for Automotive Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com