Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMD075F Datasheet(PDF) 13 Page - Tyco Electronics

Part # ASMD075F
Description  PolySwitch Resettable Devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD075F Datasheet(HTML) 13 Page - Tyco Electronics

Back Button ASMD075F Datasheet HTML 9Page - Tyco Electronics ASMD075F Datasheet HTML 10Page - Tyco Electronics ASMD075F Datasheet HTML 11Page - Tyco Electronics ASMD075F Datasheet HTML 12Page - Tyco Electronics ASMD075F Datasheet HTML 13Page - Tyco Electronics ASMD075F Datasheet HTML 14Page - Tyco Electronics ASMD075F Datasheet HTML 15Page - Tyco Electronics ASMD075F Datasheet HTML 16Page - Tyco Electronics ASMD075F Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
185
RoHS Compliant, ELV Compliant
12
Fault Current (A)
1000
100
10
1
0.10
0.01
1
10
100
A
A
B
C
D
E
F G
H I JK LM N O P QRS
BC
D
E
G
F
H
I
J
K
L
M
O
P
Q
R
S
N
Figure A17
AHRF
A=
AHRF050
B=
AHRF070
C=
AHRF100
D=
AHRF200
E=
AHRF300
F=
AHRF400
G=
AHRF450
H=
AHRF550
I=
AHRF600
J=
AHRF650
Fault Current (A)
1000
100
10
1
0.10
0.01
0.001
1
10
100
A
A BC
D E F G H I
J
B
C
D
E
F
G
H
J
I
Figure A16
AGRF
A=
AGRF400
B=
AGRF500
C=
AGRF600
D=
AGRF700
E=
AGRF800
F=
AGRF900
G=
AGRF1000
H=
AGRF1100
I=
AGRF1200
J=
AGRF1400
K=
AHRF700
L=
AHRF750
M=
AHRF800
N=
AHRF900
O=
AHRF1000
P=
AHRF1100
Q=
AHRF1300
R=
AHRF1400
S=
AHRF1500
Fault Current (A)
1000
100
10
1
0.1
0.01
1
10
100
A
A
B
B
C
C
D
D
E
E
F
F
G
G
Figure A18
AHEF
A=
AHEF050
B=
AHEF070
C=
AHEF100
D=
AHEF300
E=
AHEF500
F=
AHEF750
G=
AHEF1000
Figure A16-A24 Typical Time-to-trip at 25°C for Automotive Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com