Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5534AP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SA5534AP
Description  Equivalent Input Noise Voltage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA5534AP Datasheet(HTML) 5 Page - Texas Instruments

  SA5534AP Datasheet HTML 1Page - Texas Instruments SA5534AP Datasheet HTML 2Page - Texas Instruments SA5534AP Datasheet HTML 3Page - Texas Instruments SA5534AP Datasheet HTML 4Page - Texas Instruments SA5534AP Datasheet HTML 5Page - Texas Instruments SA5534AP Datasheet HTML 6Page - Texas Instruments SA5534AP Datasheet HTML 7Page - Texas Instruments SA5534AP Datasheet HTML 8Page - Texas Instruments SA5534AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NE5534, NE5534A, SA5534. SA5534A
LOW-NOISE OPERATIONAL AMPLIFIERS
SLOS070C − JULY 1979 − REVISED SEPTEMBER 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics, VCC ± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
NE5534,
SA5534
NE5534A, SA5534A
UNIT
PARAMETER
TEST CONDITIONS
TYP
MIN
TYP
MAX
UNIT
SR
Slew rate
CC = 0
13
13
V/ s
SR
Slew rate
CC = 22 pF
6
6
V/
μs
Rise time
VI = 50 mV,
R
600
Ω
AVD = 1,
CC =22pF
20
20
ns
t
Overshoot factor
RL = 600 Ω,
CL = 100 pF
CC = 22 pF
20
20
%
tr
Rise time
VI = 50 mV,
R
600
Ω
AVD = 1,
CC =47pF
50
50
ns
Overshoot factor
RL = 600 Ω,
CL = 500 pF
CC = 47 pF
35
35
%
V
Equivalent input noise voltage
f = 30 Hz
7
5.5
7
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
4
3.5
4.5
nV/
√Hz
I
Equivalent input noise current
f = 30 Hz
2.5
1.5
pA/
√H
In
Equivalent input noise current
f = 1 kHz
0.6
0.4
pA/
√Hz
F
Average noise figure
RS = 5 kΩ,
f = 10 Hz to 20 kHz
0.9
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com