Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5534AP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SA5534AP
Description  Equivalent Input Noise Voltage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA5534AP Datasheet(HTML) 1 Page - Texas Instruments

  SA5534AP Datasheet HTML 1Page - Texas Instruments SA5534AP Datasheet HTML 2Page - Texas Instruments SA5534AP Datasheet HTML 3Page - Texas Instruments SA5534AP Datasheet HTML 4Page - Texas Instruments SA5534AP Datasheet HTML 5Page - Texas Instruments SA5534AP Datasheet HTML 6Page - Texas Instruments SA5534AP Datasheet HTML 7Page - Texas Instruments SA5534AP Datasheet HTML 8Page - Texas Instruments SA5534AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
NE5534, NE5534A, SA5534. SA5534A
LOW-NOISE OPERATIONAL AMPLIFIERS
SLOS070C − JULY 1979 − REVISED SEPTEMBER 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Equivalent Input Noise Voltage . . .
3.5 nV/
/Hz Typ
D Unity-Gain Bandwidth . . . 10 MHz Typ
D Common-Mode Rejection Ratio . . .
100 dB Typ
D High DC Voltage Gain . . . 100 V/mV Typ
D Peak-to-Peak Output Voltage Swing
32 V Typ With VCC+ = +18 V and RL = 600 W
D High Slew Rate . . . 13 V/ms Typ
D Wide Supply-Voltage Range +3 V to +20 V
D Low Harmonic Distortion
D Offset Nulling Capability
D External Compensation Capability
description/ordering information
The NE5534, NE5534A, SA5534, and SA5534A are high-performance operational amplifiers combining
excellent dc and ac characteristics. Some of the features include very low noise, high output-drive capability,
high unity-gain and maximum-output-swing bandwidths, low distortion, and high slew rate.
These operational amplifiers are compensated internally for a gain equal to or greater than three. Optimization
of the frequency response for various applications can be obtained by use of an external compensation
capacitor between COMP and COMP/BAL. The devices feature input-protection diodes, output short-circuit
protection, and offset-voltage nulling capability with use of the BALANCE and COMP/BAL pins (see the
application circuit diagram).
For the NE5534A and SA5534A, a maximum limit is specified for the equivalent input noise voltage.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
BALANCE
IN−
IN+
VCC−
COMP/BAL
VCC+
OUT
COMP
NE5534, SA5534 ...D (SOIC), P (PDIP),
OR PS (SOP) PACKAGE
NE5534A, SA5534A ...D (SOIC) OR P (PDIP) PACKAGE
(TOP VIEW)


Similar Part No. - SA5534AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SA5534AP TI-SA5534AP Datasheet
314Kb / 15P
LOW-NOISE OPERATIONAL AMPLIFIERS
SA5534AP TI-SA5534AP Datasheet
459Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
SA5534AP TI-SA5534AP Datasheet
489Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
SA5534AP TI1-SA5534AP Datasheet
1Mb / 27P
Low-Noise Operational Amplifiers
SA5534AP TI2-SA5534AP Datasheet
866Kb / 27P
NE5534x, SA5534x Low-Noise Operational Amplifiers
REVISED NOVEMBER 2014
More results

Similar Description - SA5534AP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
High Voltage Input Precision, Low Noise FGA??Voltage References
September 12, 2007
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
High Voltage Input Precision, Low Noise FGA??Voltage References
December 15, 2008
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
High Voltage Input Precision, Low Noise FGA??Voltage References
September 16, 2009
logo
Hammond Manufacturing L...
1584C6TW20 HAMMOND-1584C6TW20 Datasheet
225Kb / 1P
SJT or Equivalent, 12/3 Wire
logo
Micross Components
AS10515F16MIL MICROSS-AS10515F16MIL Datasheet
169Kb / 4P
Military Equivalent Screening
logo
STANLEY ELECTRIC CO.,LT...
VTAN1111C-TR STANLEY-VTAN1111C-TR Datasheet
579Kb / 22P
Equivalent to JEDEC MSL3
logo
ABLIC Inc.
S-1324 ABLIC-S-1324 Datasheet
870Kb / 46P
5.5 V INPUT, 200 mA, LOW NOISE VOLTAGE REGULATOR
Rev.1.0_01
logo
First Silicon Co., Ltd
FMMT493 FS-FMMT493 Datasheet
606Kb / 3P
Low equivalent on-resistance
logo
Renesas Technology Corp
ISL21009 RENESAS-ISL21009 Datasheet
1Mb / 19P
High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
ISL21009MEP RENESAS-ISL21009MEP Datasheet
640Kb / 14P
High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com