Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6836 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # LP6836
Description  MEDIUM POWER PHEMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LP6836 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  LP6836 Datasheet HTML 1Page - Filtronic Compound Semiconductors LP6836 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LP6836
MEDIUM POWER PHEMT
Phone:
(408) 988-1845
http://
www.filss.com
Revised:
1/18/01
Fax:
(408) 970-9950
Email:
sales@filss.com
• FEATURES
♦ 25 dBm Output Power at 1-dB
Compression at 18 GHz
♦ 9.5 dB Power Gain at 18 GHz
♦ 55% Power-Added Efficiency
• DESCRIPTION AND APPLICATIONS
The LP6836 is an Aluminum Gallium Arsenide / Indium Gallium Arsenide (AlGaAs/InGaAs)
Pseudomorphic High Electron Mobility Transistor (PHEMT), utilizing an Electron-Beam direct-
write 0.25
µm by 360 µm Schottky barrier gate. The recessed “mushroom” gate structure minimizes
parasitic gate-source and gate resistances.
The epitaxial structure and processing have been
optimized for high dynamic range. The LP6836 also features Si3N4 passivation and is available in
P70 and SOT343 package types.
Typical applications include high dynamic range driver stages for commercial applications including
wireless infrastructure systems and broad bandwidth amplifiers.
• ELECTRICAL SPECIFICATIONS @ T
Ambient = 25 °
°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Saturated Drain-Source Current
IDSS
VDS = 2 V; VGS = 0 V
80
115
125
mA
Power at 1-dB Compression
P-1dB
VDS = 8 V; IDS = 50% IDSS
24
25
dBm
Power Gain at 1-dB Compression
G-1dB
VDS = 8 V; IDS = 50% IDSS
8.5
9.5
dB
Power-Added Efficiency
PAE
VDS = 8 V; IDS = 50% IDSS
55
%
Maximum Drain-Source Current
IMAX
VDS = 2 V; VGS = 1 V
190
mA
Transconductance
GM
VDS = 2 V; VGS = 0 V
75
100
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
1
10
µA
Pinch-Off Voltage
VP
VDS = 2 V; IDS = 2 mA
-0.25
-1.2
-2.0
V
Gate-Source Breakdown
Voltage Magnitude
|VBDGS|
IGS = 2 mA
-11
-15
V
Gate-Drain Breakdown
Voltage Magnitude
|VBDGD|
IGD = 2 mA
-12
-16
V
Thermal Resistivity
Θ
JC
100
°C/W
frequency=18 GHz
DRAIN
BOND
PAD
SOURCE
BOND
PAD (2x)
DIE SIZE: 14.2X13.0 mils (360x330
µm)
DIE THICKNESS: 3.9 mils (100
µm)
BONDING PADS: 1.9X1.9 mils (50x50
µm)
GATE
BOND
PAD


Similar Part No. - LP6836

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP6836P100 FILTRONIC-LP6836P100 Datasheet
23Kb / 2P
Packaged 0.25W Power PHEMT
LP6836P100-1 FILTRONIC-LP6836P100-1 Datasheet
23Kb / 2P
Packaged 0.25W Power PHEMT
LP6836P100-2 FILTRONIC-LP6836P100-2 Datasheet
23Kb / 2P
Packaged 0.25W Power PHEMT
LP6836P100-3 FILTRONIC-LP6836P100-3 Datasheet
23Kb / 2P
Packaged 0.25W Power PHEMT
LP6836P70 FILTRONIC-LP6836P70 Datasheet
59Kb / 3P
PACKAGED MEDIUM POWER PHEMT
More results

Similar Description - LP6836

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA417 FILTRONIC-LMA417 Datasheet
175Kb / 4P
MEDIUM POWER PHEMT MMIC
LMA441 FILTRONIC-LMA441 Datasheet
223Kb / 4P
MEDIUM POWER PHEMT MMIC
LMA442 FILTRONIC-LMA442 Datasheet
224Kb / 4P
MEDIUM POWER PHEMT MMIC
LP6836P70 FILTRONIC-LP6836P70 Datasheet
59Kb / 3P
PACKAGED MEDIUM POWER PHEMT
LP6836SOT343 FILTRONIC-LP6836SOT343 Datasheet
67Kb / 2P
PACKAGED MEDIUM POWER PHEMT
logo
Analog Devices
HMC441LC3B AD-HMC441LC3B Datasheet
1Mb / 7P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER
HMC499LC4 AD-HMC499LC4_18 Datasheet
314Kb / 6P
SMT PHEMT MEDIUM POWER AMPLIFIER
HMC608LC4 AD-HMC608LC4 Datasheet
367Kb / 8P
GaAs pHEMT MEDIUM POWER AMPLIFIER
HMC451LC3 AD-HMC451LC3 Datasheet
317Kb / 6P
Gaas PHEMT MMIC MEDIUM POWER aMPLIFIER
HMC451LP3 AD-HMC451LP3 Datasheet
310Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com