Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO20PDB0V0 Datasheet(PDF) 140 Page - Microsemi Corporation

Part # IO20PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO20PDB0V0 Datasheet(HTML) 140 Page - Microsemi Corporation

Back Button IO20PDB0V0 Datasheet HTML 136Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 137Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 138Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 139Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 140Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 141Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 142Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 143Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 144Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 197 page
background image
Pin Descriptions
5- 26
R e v i sio n 1 2
C21
IO17NDB0V0
GBA2/IO20PDB1V0
GBA2/IO27PDB1V0
D1
EMC_DB[14]/IO45NDB5V0
EMC_DB[14]/GAB2/IO71NDB5V0
EMC_DB[14]/GAB2/IO88NDB5V0
D3
VCCFPGAIOB5
VCCFPGAIOB5
VCCFPGAIOB5
D19
GND
GND
GND
D21
VCCFPGAIOB1
VCCFPGAIOB1
VCCFPGAIOB1
E1
EMC_DB[13]/IO44PDB5V0
EMC_DB[13]/GAC2/IO70PDB5V0
EMC_DB[13]/GAC2/IO87PDB5V0
E3
EMC_DB[12]/IO44NDB5V0
EMC_DB[12]/IO70NDB5V0
EMC_DB[12]/IO87NDB5V0
E5
GNDQ
GNDQ
GNDQ
E6
EMC_BYTEN[0]/IO02NDB0V0 EMC_BYTEN[0]/GAC0/IO02NDB0V0 EMC_BYTEN[0]/GAC0/IO07NDB0V0
E7
EMC_BYTEN[1]/IO02PDB0V0 EMC_BYTEN[1]/GAC1/IO02PDB0V0 EMC_BYTEN[1]/GAC1/IO07PDB0V0
E8
EMC_OEN1_N/IO03PDB0V0
EMC_OEN1_N/IO03PDB0V0
EMC_OEN1_N/IO08PDB0V0
E9
EMC_AB[3]/IO05PDB0V0
EMC_AB[3]/IO05PDB0V0
EMC_AB[3]/IO09PDB0V0
E10
EMC_AB[10]/IO09NDB0V0
EMC_AB[10]/IO09NDB0V0
EMC_AB[10]/IO11NDB0V0
E11
EMC_AB[7]/IO07PDB0V0
EMC_AB[7]/IO07PDB0V0
EMC_AB[7]/IO12PDB0V0
E12
EMC_AB[13]/IO10PDB0V0
EMC_AB[13]/IO10PDB0V0
EMC_AB[13]/IO14PDB0V0
E13
EMC_AB[16]/IO12NDB0V0
EMC_AB[16]/IO12NDB0V0
EMC_AB[16]/IO17NDB0V0
E14
EMC_AB[17]/IO12PDB0V0
EMC_AB[17]/IO12PDB0V0
EMC_AB[17]/IO17PDB0V0
E15
GCC0/IO18NPB0V0
GCB0/IO27NDB1V0
GCB0/IO34NDB1V0
E16
GCA1/IO20PPB0V0
GCB1/IO27PDB1V0
GCB1/IO34PDB1V0
E17
GCC1/IO18PPB0V0
GCB2/IO24PDB1V0
GCB2/IO33PDB1V0
E19
GCB2/IO22PPB1V0
GCA0/IO28NDB1V0
GCA0/IO36NDB1V0 *
E21
IO21NDB1V0
GCA1/IO28PDB1V0
GCA1/IO36PDB1V0 *
F1
VCCFPGAIOB5
VCCFPGAIOB5
VCCFPGAIOB5
F3
GFB2/IO42NDB5V0
GFB2/IO68NDB5V0
GFB2/IO85NDB5V0
F5
GFA2/IO42PDB5V0
GFA2/IO68PDB5V0
GFA2/IO85PDB5V0
F6
EMC_DB[11]/IO43PDB5V0
EMC_DB[11]/IO69PDB5V0
EMC_DB[11]/IO86PDB5V0
F7
GND
GND
GND
F8
NC
GFC1/IO66PPB5V0
GFC1/IO83PPB5V0
F9
VCCFPGAIOB0
VCCFPGAIOB0
VCCFPGAIOB0
F10
EMC_AB[11]/IO09PDB0V0
EMC_AB[11]/IO09PDB0V0
EMC_AB[11]/IO11PDB0V0
F11
EMC_AB[6]/IO07NDB0V0
EMC_AB[6]/IO07NDB0V0
EMC_AB[6]/IO12NDB0V0
Pin
No.
CS288
A2F060 Function
A2F200 Function
A2F500 Function
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer to
the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com