Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO20PDB0V0 Datasheet(PDF) 15 Page - Microsemi Corporation

Part # IO20PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO20PDB0V0 Datasheet(HTML) 15 Page - Microsemi Corporation

Back Button IO20PDB0V0 Datasheet HTML 11Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 12Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 13Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 14Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 15Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 16Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 17Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 18Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 19Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 3
Table 2-3 • Recommended Operating Conditions5,6
Symbol
Parameter1
Commercial
Industrial
Units
TJ
Junction temperature
0 to +85
–40 to +100
°C
VCC 2
1.5 V DC core supply voltage
1.425 to 1.575
1.425 to 1.575
V
VJTAG
JTAG DC voltage
1.425 to 3.6
1.425 to 3.6
V
VPP
Programming voltage
Programming mode3
3.15 to 3.45
3.15 to 3.45
V
Operation4
0 to 3.6
0 to 3.6
V
VCCPLLx
Analog power supply (PLL)
1.425 to 1.575
1.425 to 1.575
V
VCCFPGAIOBx/
VCCMSSIOBx5
1.5 V DC supply voltage
1.425 to 1.575
1.425 to 1.575
V
1.8 V DC supply voltage
1.7 to 1.9
1.7 to 1.9
V
2.5 V DC supply voltage
2.3 to 2.7
2.3 to 2.7
V
3.3 V DC supply voltage
3.0 to 3.6
3.0 to 3.6
V
LVDS differential I/O
2.375 to 2.625
2.375 to 2.625
V
LVPECL differential I/O
3.0 to 3.6
3.0 to 3.6
V
VCC33A6
Analog clean 3.3 V supply to the analog circuitry
3.15 to 3.45
3.15 to 3.45
V
VCC33ADCx6
Analog 3.3 V supply to ADC
3.15 to 3.45
3.15 to 3.45
V
VCC33AP6
Analog clean 3.3 V supply to the charge pump
3.15 to 3.45
3.15 to 3.45
V
VCC33SDDx6
Analog 3.3 V supply to sigma-delta DAC
3.15 to 3.45
3.15 to 3.45
V
VAREFx
Voltage reference for ADC
2.527 to 3.3
2.527 to 3.3
V
VCCRCOSC
Analog supply to the integrated RC oscillator
3.15 to 3.45
3.15 to 3.45
V
VDDBAT
External battery supply
2.7 to 3.63
2.7 to 3.63
V
VCCMAINXTAL6 Analog supply to the main crystal oscillator
3.15 to 3.45
3.15 to 3.45
V
VCCLPXTAL6
Analog supply to the low power 32 KHz crystal
oscillator
3.15 to 3.45
3.15 to 3.45
V
VCCENVM
Embedded nonvolatile memory supply
1.425 to 1.575
1.425 to 1.575
V
VCCESRAM
Embedded SRAM supply
1.425 to 1.575
1.425 to 1.575
V
VCC15A2
Analog 1.5 V supply to the analog circuitry
1.425 to 1.575
1.425 to 1.575
V
VCC15ADCx2
Analog 1.5 V supply to the ADC
1.425 to 1.575
1.425 to 1.575
V
Notes:
1. All parameters representing voltages are measured with respect to GND unless otherwise specified.
2. The following 1.5 V supplies should be connected together while following proper noise filtering practices: VCC,
VCC15A, and VCC15ADCx.
3. The Programming temperature range supported is Tambient = 0°C to 85°C.
4. VPP can be left floating during operation (not programming mode).
5. The ranges given here are for power supplies only. The recommended input voltage ranges specific to each I/O
standard are given in Table 2-19 on page 2-23. VCCxxxxIOBx should be at the same voltage within a given I/O bank.
6. The following 3.3 V supplies should be connected together while following proper noise filtering practices: VCC33A,
VCC33ADCx, VCC33AP, VCC33SDDx, VCCMAINXTAL, and VCCLPXTAL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com