Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO20PDB0V0 Datasheet(PDF) 19 Page - Microsemi Corporation

Part # IO20PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO20PDB0V0 Datasheet(HTML) 19 Page - Microsemi Corporation

Back Button IO20PDB0V0 Datasheet HTML 15Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 16Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 17Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 18Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 19Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 20Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 21Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 22Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 23Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 7
Thermal Characteristics
Introduction
The temperature variable in the SoC Products Group Designer software refers to the junction
temperature, not the ambient, case, or board temperatures. This is an important distinction because
dynamic and static power consumption will cause the chip's junction temperature to be higher than the
ambient, case, or board temperatures. EQ 1 through EQ 3 give the relationship between thermal
resistance, temperature gradient, and power.
EQ 1
EQ 2
EQ 3
where
θJA = Junction-to-air thermal resistance
θJB = Junction-to-board thermal resistance
θJC = Junction-to-case thermal resistance
TJ
= Junction temperature
TA = Ambient temperature
TB = Board temperature (measured 1.0 mm away from the
package edge)
TC = Case temperature
P
= Total power dissipated by the device
Table 2-6 • Package Thermal Resistance
Product
θJA
θJC
θJB
Units
Still Air
1.0 m/s
2.5 m/s
A2F200M3F-FG256
33.7
30.0
28.3
9.3
24.8
°C/W
A2F200M3F-FG484
21.8
18.2
16.7
7.7
16.8
°C/W
A2F200M3F-CS288
26.6
20.2
18.1
7.3
9.4
°C/W
A2F200M3F-PQG208I
38.5
34.6
33.1
0.7
31.6
°C/W
θJA
TJ θA
–
P
------------------
=
θJB
TJ TB
–
P
-------------------
=
θJC
TJ TC
–
P
-------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com