Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7625BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD7625BCPZ
Description  16-Bit, 6 MSPS, PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7625BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7625BCPZ Datasheet HTML 15Page - Analog Devices AD7625BCPZ Datasheet HTML 16Page - Analog Devices AD7625BCPZ Datasheet HTML 17Page - Analog Devices AD7625BCPZ Datasheet HTML 18Page - Analog Devices AD7625BCPZ Datasheet HTML 19Page - Analog Devices AD7625BCPZ Datasheet HTML 20Page - Analog Devices AD7625BCPZ Datasheet HTML 21Page - Analog Devices AD7625BCPZ Datasheet HTML 22Page - Analog Devices AD7625BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
AD7625
Rev. A | Page 19 of 24
DIGITAL INTERFACE
Conversion Control
All analog-to-digital conversions are controlled by the CNV
signal. This signal can be applied in the form of a CNV+/CNV−
LVDS signal, or it can be applied in the form of a 2.5 V CMOS
logic signal to the CNV+ pin. The conversion is initiated by the
rising edge of the CNV signal.
After the AD7625 is powered up, the first conversion result
generated is invalid. Subsequent conversion results are valid
provided that the time between conversions does not exceed
the maximum specification for tCYC.
The two methods for acquiring the digital data output of the
AD7625 via the LVDS interface are described in the following
sections.
Echoed-Clock Interface Mode
The digital operation of the AD7625 in echoed-clock interface
mode is shown in Figure 29. This interface mode, requiring
only a shift register on the digital host, can be used with many
digital hosts (FPGA, shift register, microprocessor, and so on).
It requires three LVDS pairs (D±, CLK±, and DCO±) between
each AD7625 and the digital host.
The clock DCO± is a buffered copy of CLK± and is synchronous
to the data, D±, which is updated on the falling edge of DCO+
(tD). By maintaining good propagation delay matching between
D± and DCO± through the board and the digital host, DCO±
can be used to latch D± with good timing margin for the shift
register.
Conversions are initiated by a CNV± pulse. The CNV± pulse
must be returned low (≤tCNVH maximum) for valid operation.
After a conversion begins, it continues until completion. Addi-
tional CNV± pulses are ignored during the conversion phase.
After the time tMSB elapses, the host should begin to burst the
CLK±. Note that tMSB is the maximum time for the MSB of the
new conversion result and should be used as the gating device
for CLK±. The echoed clock, DCO±, and the data, D±, are
driven in phase, with D± being updated on the falling edge of
DCO+; the host should use the rising edge of DCO+ to capture
D±. The only requirement is that the 16 CLK pulses finish
before the time tCLKL elapses for the next conversion phase or the
data is lost. From the time tCLKL to tMSB, D± and DCO± are
driven to 0s. Set CLK± to idle low between CLK± bursts.
CLK+
tCYC
16
15
CNV+
1
16
15
2
1
2
3
tCNVH
tCLKL
DCO+
16
15
1
16
15
2
1
2
3
D+
SAMPLE N
SAMPLE N + 1
D–
D15
N
D14
N
D1
N
CLK–
CNV–
DCO–
D0
N – 1
ACQUISITION
ACQUISITION
ACQUISITION
tACQ
tDCO
tD
tCLK
0
tMSB
D1
N – 1
D15
N + 1
D14
N + 1
D0
N
0
D13
N + 1
tCLKD
Figure 29. Echoed-Clock Interface Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com