Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7625BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD7625BCPZ
Description  16-Bit, 6 MSPS, PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7625BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7625BCPZ Datasheet HTML 16Page - Analog Devices AD7625BCPZ Datasheet HTML 17Page - Analog Devices AD7625BCPZ Datasheet HTML 18Page - Analog Devices AD7625BCPZ Datasheet HTML 19Page - Analog Devices AD7625BCPZ Datasheet HTML 20Page - Analog Devices AD7625BCPZ Datasheet HTML 21Page - Analog Devices AD7625BCPZ Datasheet HTML 22Page - Analog Devices AD7625BCPZ Datasheet HTML 23Page - Analog Devices AD7625BCPZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
AD7625
Rev. A | Page 21 of 24
APPLICATIONS INFORMATION
LAYOUT, DECOUPLING, AND GROUNDING
When laying out the printed circuit board (PCB) for the AD7625,
follow the practices described in this section to obtain the maxi-
mum performance from the converter.
Exposed Paddle
The AD7625 has an exposed paddle on the underside of the
package.
•
Solder the paddle directly to the PCB.
•
Connect the paddle to the ground plane of the board using
multiple vias, as shown in Figure 31.
•
Decouple all supply pins except for Pin 12 (VIO) directly to
the paddle, minimizing the current return path.
•
Pin 13 and Pin 24 can be connected directly to the paddle.
Use vias to ground at the point where these pins connect to
the paddle.
VDD1 Supply Routing and Decoupling
The VDD1 supply is connected to Pin 1, Pin 19, and Pin 20. The
supply should be decoupled using a 100 nF capacitor at Pin 1.
The user can connect this supply trace to Pin 19 and Pin 20. Use
a series ferrite bead to connect the VDD1 supply from Pin 1 to
Pin 19 and Pin 20. The ferrite bead isolates any high frequency
noise or ringing on the VDD1 supply. Decouple the VDD1
supply to Pin 19 and Pin 20 using a 100 nF capacitor to GND.
This GND connection can be placed a short distance away from
the exposed paddle.
VIO Supply Decoupling
Decouple the VIO supply applied to Pin 12 to ground at Pin 13.
Layout and Decoupling of Pin 25 to Pin 32
Connect the outputs of Pin 25, Pin 26, and Pin 28 together and
decouple them to Pin 27 using a 10 μF capacitor with low ESR
and low ESL.
Reduce the inductance of the path connecting Pin 25, Pin 26,
and Pin 28 by widening the PCB traces connecting these pins.
A similar approach should be taken in the connections used for
the reference pins of the AD7625. Connect Pin 29, Pin 30, and
Pin 32 together using widened PCB traces to reduce inductance.
In internal or external reference mode, a 4.096 V reference voltage
is output on Pin 29, Pin 30, and Pin 32. Decouple these pins to
Pin 31 using a 10 μF capacitor with low ESR and low ESL.
Figure 31 shows an example of the recommended layout for
the underside of the AD7625 device. Note the extended signal
trace connections and the outline of the capacitors decoupling
the signals applied to the REF pins (Pin 29, Pin 30, and Pin 32)
and to the CAP2 pins (Pin 25, Pin 26, and Pin 28).
32
31
30
29
28
27
26
25
Paddle
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
24 23 22 21 20 19 18 17
4.096V
EXTERNAL REFERENCE
(ADR434 OR ADR444)
Figure 31. PCB Layout and Decoupling Recommendations for Pin 24 to Pin 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com