Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7653 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7653
Description  16-Bit, 6 MSPS, PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7653 Datasheet(HTML) 5 Page - Analog Devices

  AD7653 Datasheet HTML 1Page - Analog Devices AD7653 Datasheet HTML 2Page - Analog Devices AD7653 Datasheet HTML 3Page - Analog Devices AD7653 Datasheet HTML 4Page - Analog Devices AD7653 Datasheet HTML 5Page - Analog Devices AD7653 Datasheet HTML 6Page - Analog Devices AD7653 Datasheet HTML 7Page - Analog Devices AD7653 Datasheet HTML 8Page - Analog Devices AD7653 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD7625
Rev. A | Page 5 of 24
TIMING SPECIFICATIONS
VDD1 = 5 V; VDD2 = 2.5 V; VIO = 2.37 V to 2.63 V; REF = 4.096 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Time Between Conversions1
t
CYC
166
10,000
ns
Acquisition Time
t
ACQ
40
ns
CNV± High Time
t
CNVH
10
40
ns
CNV± to D± (MSB) Delay
t
MSB
145
ns
CNV± to Last CLK± (LSB) Delay
t
CLKL
110
ns
CLK± Period2
t
CLK
(t
CYC − tMSB + tCLK)/n
4
3.33
ns
CLK± Frequency
f
CLK
250
300
MHz
CLK± to DCO± Delay (Echoed-Clock Mode)
t
DCO
0
4
7
ns
DCO± to D± Delay (Echoed-Clock Mode)
t
D
0
1
ns
CLK± to D± Delay
t
CLKD
0
4
7
ns
1 The maximum time between conversions is 10,000 ns. If CNV± is left idle for a time greater than the maximum value of t
CYC, the subsequent conversion result is invalid.
2 For the minimum CLK period, the window available to read data is t
CYC − tMSB + tCLK. Divide this time by the number of bits (n) that are read. In echoed-clock interface
mode, n = 16; in self-clocked interface mode, n = 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com