Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7653 Datasheet (PDF) - Analog Devices

AD7653 Datasheet PDF - Analog Devices
Part # AD7653
Download  AD7653 Download
File Size   673.11 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 6 MSPS, PulSAR Differential ADC

AD7653 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7653 Datasheet PDF - Analog Devices

Part # AD7653
Download  AD7653 Click to download

File Size   673.11 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 6 MSPS, PulSAR Differential ADC

AD7653 Datasheet (HTML) - Analog Devices


AD7653 Product details

GENERAL DESCRIPTION
The AD7625 is a 16-bit, 6 MSPS, charge redistribution successive approximation register (SAR) based architecture analog-to-digital converter (ADC). SAR architecture allows unmatched performance both in noise (93 dB SNR) and in linearity (1 LSB). The AD7625 contains a high speed, 16-bit sampling ADC, an internal conversion clock, and an internal buffered reference. On the CNV± rising edge, it samples the voltage difference between the IN+ and IN− pins. The voltages on these pins swing in opposite phase between 0 V and REF. The 4.096 V reference voltage, REF, can be generated internally or applied externally.

FEATURES
   Throughput: 6 MSPS
   SNR: 93 dB
   INL: ±0.45 LSB typical, ±1 LSB maximum
   DNL: ±0.3 LSB typical, ±0.5 LSB maximum
   Power dissipation: 135 mW
   32-lead LFCSP (5 mm × 5 mm)
   SAR architecture
      No latency/no pipeline delay
   16-bit resolution with no missing codes
   Zero error: ±1.5 LSB
   Differential input voltage: ±4.096 V
   Serial LVDS interface
      Self-clocked mode
      Echoed-clock mode
      Can use LVDS or CMOS for conversion control (CNV signal)
   Reference options
      Internal: 4.096 V
      External (1.2 V) buffered to 4.096 V
      External: 4.096 V
  
APPLICATIONS
   High dynamic range telecommunications
   Receivers
   Digital imaging systems
   High speed data acquisition
   Spectrum analysis
   Test equipment




Similar Part No. - AD7653

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7653 AD-AD7653 Datasheet
336Kb / 23P
16-Bit 1 MSPS SAR Unipolar ADC with Ref
AD7653 AD-AD7653 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7653 AD-AD7653 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7653 AD-AD7653 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7653 AD-AD7653 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
More results


Similar Description - AD7653

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7952 AD-AD7952 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7626 AD-AD7626 Datasheet
159Kb / 11P
16-Bit, 10MSPS PulSAR Differential ADC
Rev. PrC
AD7625 AD-AD7625 Datasheet
160Kb / 11P
16-Bit, 6MSPS PulSAR Differential ADC
Rev. PrB
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_10 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7960 AD-AD7960 Datasheet
814Kb / 24P
18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7903 AD-AD7903 Datasheet
1Mb / 29P
Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
Rev. B
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
16-Bit, 10 MSPS, PulSAR Differential ADC
Rev. D
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
16-Bit, 6 MSPS, PulSAR Differential ADC
23-Feb-2017
AD7623 AD-AD7623 Datasheet
444Kb / 29P
16-Bit, 1.33 MSPS PulSAR ADC
14-Apr-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com