Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP7512 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # LP7512
Description  ULTRA LOW NOISE PHEMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LP7512 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  LP7512 Datasheet HTML 1Page - Filtronic Compound Semiconductors LP7512 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LP7512
ULTRA LOW NOISE PHEMT
Phone:
(408) 988-1845
http://
www.filss.com
Revised:
1/18/01
Fax:
(408) 970-9950
Email:
sales@filss.com
• FEATURES
♦ 0.6 dB Noise Figure at 12 GHz
♦ 12 dB Associated Gain at 12 GHz
♦ Low DC Power Consumption
♦ Excellent Phase Noise
• DESCRIPTION AND APPLICATIONS
The LP7512 is an Aluminum Gallium Arsenide / Indium Gallium Arsenide (AlGaAs/InGaAs)
Pseudomorphic High Electron Mobility Transistor (PHEMT), utilizing an Electron-Beam direct-
write 0.25
µm by 200 µm Schottky barrier gate. The recessed “mushroom” gate structure minimizes
parasitic gate-source and gate resistances.
The epitaxial structure and processing have been
optimized for ultra low noise and usable gain to 40 GHz.
The LP7512 also features Si3N4
passivation and is available in a variety of packages.
Typical applications include low noise receiver preamplifiers for commercial applications including
wireless systems and radio link systems.
• ELECTRICAL SPECIFICATIONS @ T
Ambient = 25 °
°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Saturated Drain-Source Current
IDSS
VDS = 2 V; VGS = 0 V
15
35
50
mA
Noise Figure
NF
VDS = 2 V; IDS = 25% IDSS; f=12 GHz
f=18 GHz
0.6
1.0
0.9
1.4
dB
dB
Associated Gain at minimum
NF
GA
VDS = 2 V; IDS = 25% IDSS; f=12 GHz
f=18 GHz
9
7.5
10
8.5
dB
dB
Transconductance
GM
VDS = 2 V; VGS = 0 V
60
90
mS
Gate-Source Leakage Current
IGSO
VGS = -3 V
1
10
µA
Gate-Drain Leakage Current
IGDO
VGD = -3 V
1
10
µA
Pinch-Off Voltage
VP
VDS = 2 V; IDS = 1 mA
-0.25
-0.8
-1.5
V
Thermal Resistivity
Θ
JC
325
°C/W
frequency=18 GHz
DRAIN
BOND
PAD (2X)
SOURCE
BOND
PAD (2x)
DIE SIZE: 18.0X13.0 mils (460x330
µm)
DIE THICKNESS: 3.9 mils (100
µm)
BONDING PADS: 1.9X1.9 mils (50x50
µm)
GATE
BOND
PAD (2X)


Similar Part No. - LP7512

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP7512P70 FILTRONIC-LP7512P70 Datasheet
59Kb / 3P
PACKAGED ULTRA LOW NOISE PHEMT
More results

Similar Description - LP7512

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA219B FILTRONIC-LMA219B Datasheet
123Kb / 4P
LOW NOISE PHEMT MMIC
LMA246 FILTRONIC-LMA246 Datasheet
170Kb / 4P
LOW NOISE PHEMT MMIC
LMA406 FILTRONIC-LMA406 Datasheet
159Kb / 5P
LOW NOISE PHEMT MMIC
LMA411 FILTRONIC-LMA411 Datasheet
169Kb / 5P
LOW NOISE PHEMT MMIC
LMA419 FILTRONIC-LMA419 Datasheet
138Kb / 4P
LOW NOISE PHEMT MMIC
LMA420 FILTRONIC-LMA420 Datasheet
135Kb / 4P
LOW NOISE PHEMT MMIC
LMA421 FILTRONIC-LMA421 Datasheet
129Kb / 4P
LOW NOISE PHEMT MMIC
LMA422 FILTRONIC-LMA422 Datasheet
157Kb / 4P
LOW NOISE PHEMT MMIC
LP7512P70 FILTRONIC-LP7512P70 Datasheet
59Kb / 3P
PACKAGED ULTRA LOW NOISE PHEMT
LPV1500 FILTRONIC-LPV1500 Datasheet
33Kb / 2P
PACKAGED LOW NOISE PHEMT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com