Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP7612P70 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # LP7612P70
Description  PACKAGED HIGH DYNAMIC RANGE PHEMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LP7612P70 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  LP7612P70 Datasheet HTML 1Page - Filtronic Compound Semiconductors LP7612P70 Datasheet HTML 2Page - Filtronic Compound Semiconductors LP7612P70 Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LP7612P70
PACKAGED HIGH DYNAMIC RANGE PHEMT
Phone:
(408) 988-1845
http://
www.filss.com
Revised:
1/20/01
Fax:
(408) 970-9950
Email:
sales@filss.com
• ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Test Conditions
Min
Max
Units
Drain-Source Voltage
VDS
TAmbient = 22 ± 3 °C
6
V
Gate-Source Voltage
VGS
TAmbient = 22 ± 3 °C
-3
V
Drain-Source Current
IDS
TAmbient = 22 ± 3 °C
2xIDSS
mA
Gate Current
IG
TAmbient = 22 ± 3 °C
5
mA
RF Input Power
PIN
TAmbient = 22 ± 3 °C
60
mW
Channel Operating Temperature
TCH
TAmbient = 22 ± 3 °C
175
ºC
Storage Temperature
TSTG
—
-65
175
ºC
Total Power Dissipation
PTOT
TAmbient = 22 ± 3 °C
400
mW
Notes:
•
Operating conditions that exceed the Absolute Maximum Ratings could result in permanent damage to the device.
•
Power Dissipation defined as: PTOT ≡ (PDC + PIN) – POUT, where
PDC: DC Bias Power
PIN: RF Input Power
POUT: RF Output Power
•
Absolute Maximum Power Dissipation to be de-rated as follows above 25
°C:
PTOT= 400mW – (2.7 mW/°C) x THS
where THS = heatsink or ambient temperature.
•
This PHEMT is susceptible to damage from Electrostatic Discharge. Proper precautions should be used when handling these
devices.
• HANDLING PRECAUTIONS
To avoid damage to the devices care should be exercised during handling. Proper Electrostatic
Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and
testing. These devices should be treated as Class 1A (0-500 V). Further information on ESD control
measures can be found in MIL-STD-1686 and MIL-HDBK-263.
• APPLICATIONS NOTES & DESIGN DATA
Applications Notes are available from your local Filtronic Sales Representative or directly from the
factory.
Complete design data, including S-parameters, noise data, and large-signal models are
available on the Filtronic web site.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com