Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP7612P70 Datasheet (PDF) - Filtronic Compound Semiconductors

LP7612P70 Datasheet PDF - Filtronic Compound Semiconductors
Part # LP7612P70
Download  LP7612P70 Download
File Size   61.51 Kbytes
Page   3 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description PACKAGED HIGH DYNAMIC RANGE PHEMT

LP7612P70 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP7612P70 Datasheet PDF - Filtronic Compound Semiconductors

Part # LP7612P70
Download  LP7612P70 Click to download

File Size   61.51 Kbytes
Page   3 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description PACKAGED HIGH DYNAMIC RANGE PHEMT

LP7612P70 Datasheet (HTML) - Filtronic Compound Semiconductors


LP7612P70 Product details

DESCRIPTION AND APPLICATIONS
The LP7612P70 is a packaged Aluminum Gallium Arsenide / Indium Gallium Arsenide (AlGaAs/InGaAs) pseudomorphic High Electron Mobility Transistor (pHEMT), utilizing an Electron-Beam direct-write 0.25 mm by 200 mm Schottky barrier gate. The recessed “mushroom” Ti/Pt/Au gate structure minimizes parasitic gate-source and gate resistances. The epitaxial structure and processing have been optimized for high dynamic range. The LP7612’s active areas are passivated with Si3N4, and the P70 ceramic package is ideal for low-cost, high-performance applications that require a surface-mount package.
Typical applications include high dynamic range receiver preamplifiers for commercial applications including Cellular/PCS systems, WLAN and WLL systems, and other types of high-gain applications for radio link systems.

FEATURES
♦ 20 dBm Output Power at 1-dB Compression at 18 GHz
♦ 7.5 dB Power Gain at 18 GHz
♦ 16 dB Small Signal Gain at 2 GHz
♦ 0.8 dB Noise Figure at 2 GHz




Similar Part No. - LP7612P70

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP7612 FILTRONIC-LP7612 Datasheet
39Kb / 2P
HIGH DYNAMIC RANGE PHEMT
More results


Similar Description - LP7612P70

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP7612 FILTRONIC-LP7612 Datasheet
39Kb / 2P
HIGH DYNAMIC RANGE PHEMT
LPD200P70 FILTRONIC-LPD200P70 Datasheet
61Kb / 3P
PACKAGED HIGH DYNAMIC RANGE PHEMT
LPD200SOT343 FILTRONIC-LPD200SOT343 Datasheet
68Kb / 2P
PACKAGED HIGH DYNAMIC RANGE PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD200P70 FILTRONIC-FPD200P70_1 Datasheet
421Kb / 9P
HIGH FREQUENCY PACKAGED PHEMT
logo
List of Unclassifed Man...
TC2181 ETC2-TC2181 Datasheet
140Kb / 4P
Low Noise and High Dynamic Range Packaged GaAs FETs
logo
Transcom, Inc.
TC2141 TRANSCOM-TC2141 Datasheet
776Kb / 4P
Low Noise and High Dynamic Range Packaged GaAs FETs
TC2181 TRANSCOM-TC2181 Datasheet
284Kb / 4P
Low Noise and High Dynamic Range Packaged GaAs FETs
TC2281 TRANSCOM-TC2281 Datasheet
287Kb / 4P
Low Noise and High Dynamic Range Packaged GaAs FETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com