Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-209 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-209
Description  Matched GaAs SPST Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-209 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-209 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-209 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-209 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Matched GaAs SPST Switch
DC - 3.0 GHz
Rev. V3
SW-209
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Fast Switching Speed, 6 nS Typical
• Ultra Low DC Power Consumption
• Small Package Size, 0.180” (4.6mm) Sq.
Description
Ordering Information
Part Number
Package
SW-209 PIN
Ceramic (CR-3)
SW-209B PIN
Screened to MIL-STD-883C, Method
5008.4, Table VII, Class B Hybrid
SW-209G PIN
Ceramic Gull Winged (CR-10)
Absolute Maximum Ratings
1,2
Parameter
Absolute Maximum
Max Input Power
0.05 GHz
0.5-2.0 GHz
+27 dBm
+34 dBm
Control Voltage
+5V, -8.5 V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
Pin Configuration
Functional Schematic
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
Truth Table
Control Inputs
Condition of Switch
A
B
RF1 to RF2
1
0
ON
0
1
OFF


Similar Part No. - SW-209

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-209 MACOM-SW-209 Datasheet
101Kb / 2P
Matched GaAs SPST Switch DC - 3 GHz
logo
M/A-COM Technology Solu...
SW-209 MA-COM-SW-209 Datasheet
108Kb / 3P
Matched GaAs SPST Switch DC - 3.0 GHz
SW-209B MA-COM-SW-209B Datasheet
108Kb / 3P
Matched GaAs SPST Switch DC - 3.0 GHz
SW-209G MA-COM-SW-209G Datasheet
108Kb / 3P
Matched GaAs SPST Switch DC - 3.0 GHz
More results

Similar Description - SW-209

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-215 MACOM-SW-215 Datasheet
68Kb / 2P
Matched GaAs SPST Switch 5 - 3000 MHZ
SW-231 MACOM-SW-231 Datasheet
97Kb / 2P
Matched GaAs SPST Switch 5 - 4000 MHz
SW-209 MACOM-SW-209 Datasheet
101Kb / 2P
Matched GaAs SPST Switch DC - 3 GHz
SW-215-PIN MACOM-SW-215-PIN Datasheet
138Kb / 3P
Matched GaAs SPST Switch, 5 - 3000 MHz
logo
M/A-COM Technology Solu...
SW-209 MA-COM-SW-209 Datasheet
108Kb / 3P
Matched GaAs SPST Switch DC - 3.0 GHz
SW-215-PIN MA-COM-SW-215-PIN Datasheet
57Kb / 3P
Matched GaAs SPST Switch, 5 - 3000 MHz
SW-231-PIN MA-COM-SW-231-PIN Datasheet
59Kb / 3P
Matched GaAs SPST Switch, 5 - 4000 MHz
MASW6020G MA-COM-MASW6020G Datasheet
69Kb / 4P
GaAs SPST Switch
SW-231-PIN-V4 MA-COM-SW-231-PIN-V4 Datasheet
204Kb / 3P
Matched GaAs SPST Switch
SW05-0311 MA-COM-SW05-0311_15 Datasheet
588Kb / 5P
Matched GaAs SPST Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com