Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3000 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # LP3000
Description  2W Power PHEMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LP3000 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  LP3000 Datasheet HTML 1Page - Filtronic Compound Semiconductors LP3000 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Filtronic
LP3000/LPV3000
Solid State
2W Power PHEMT
Phone: (408) 988-1845
Internet: http://www.filtronicsolidstate.com
Fax: (408) 970-9950
FEATURES
• +33.5 dBm Typical Power at 18 GHz
• 7 dB Typical Power Gain at 18 GHz
• +30.5 dBm at 3.3V Battery Voltage
• Low Intermodulation Distortion
• 45% Power-Added-Efficiency at 18 GHz
DIE SIZE: 28.3 x 16.5 mils (720 x 420
µm)
DIE THICKNESS: 2.6 mils (65
µm typ.)
BONDING PADS: 1.9 x 2.4 mils (50 x 60
µm typ.)
DESCRIPTION AND APPLICATIONS
The LP3000 is an Aluminum Gallium Arsenide / Indium Gallium Arsenide (AlGaAs/InGaAs) Pseudomorphic High Electron
Mobility Transistor (PHEMT), utilizing an Electron-Beam direct-write 0.25
µm by 3000 µm Schottky barrier gate. The
recessed “mushroom” gate structure minimizes parasitic gate-source and gate resistances. The epitaxial structure and
processing have been optimized for reliable high-power applications. The LP3000 also features Si3N4 passivation and is
available with plated source via-holes (LPV 3000) as an option for improved high-frequency performance. Also available in
a ceramic flanged package (P100) and ball grid array package.
Typical applications include commercial and military high-performance power amplifiers, including SATCOM uplink
transmitters, PCS/Cellular low-voltage high-efficiency output amplifiers, and medium-haul digital radio transmitters. The
LPV 3000/LP 3000 may be procured in a variety of grades, depending upon specific user requirements. Standard lot
screening is patterned after MIL-STD-19500, JANC grade. Space-level screening to FSS JANS grade is also available.
PERFORMANCE SPECIFICATIONS (TA = 25
°C)
SYMBOLS
PARAMETERS
MIN
TYP
MAX
UNITS
IDSS
Saturated Drain-Source Current
VDS = 2V VGS = 0V
800
1060
1100
mA
P1dB
Output Power at 1dB Gain Compression
VDS = 8.0V, IDS = 50% IDSS (LP. LPV)
f = 18 GHz
33.0
33.5
dBm
G1dB
Power Gain at 1dB Gain Compression
VDS = 8.0V, IDS = 50% IDSS (LP)
f = 18 GHz
VDS = 8.0V, IDS = 50% IDSS (LPV)
f = 18 GHz
4.0
6.0
6.0
7.0
dB
dB
η
ADD
Power-Added Efficiency (typ. for Class A operation)
45
%
IMAX
Maximum Drain-Source Current
VDS = 2V VGS = +1V
1700
mA
GM
Transconductance
VDS = 2V VGS = 0V
725
900
mS
VP
Pinch-Off Voltage
VDS = 2V IDS = 10mA
-0.25
-1.2
-2.0
V
IGSO
Gate-Source Leakage Current
VGS = -5V
15
125
µA
BVGS
Gate-Source Breakdown Voltage
IGS = 15mA
-12
-15
V
BVGD
Gate-Drain Breakdown Voltage
IGD = 15mA
-12
-16
V
Θ
J
Thermal Resistivity
20
°C/W
Get Curtice Model
DSS-027 WG
DRAIN PAD
(x4)
SOURCE BOND
PAD (x2)
GATE PAD
(x4)


Similar Part No. - LP3000

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP3000 FILTRONIC-LP3000 Datasheet
44Kb / 2P
2 W POWER PHEMT
LP3000P100 FILTRONIC-LP3000P100 Datasheet
47Kb / 3P
PACKAGED 2W POWER PHEMT
LP3000SOT89 FILTRONIC-LP3000SOT89 Datasheet
44Kb / 3P
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
LP3000SOT89-1 FILTRONIC-LP3000SOT89-1 Datasheet
44Kb / 3P
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
LP3000SOT89-2 FILTRONIC-LP3000SOT89-2 Datasheet
44Kb / 3P
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
More results

Similar Description - LP3000

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP3000P100 FILTRONIC-LP3000P100 Datasheet
47Kb / 3P
PACKAGED 2W POWER PHEMT
logo
List of Unclassifed Man...
TC3967 ETC1-TC3967 Datasheet
25Kb / 1P
2W Packaged Self-Bias PHEMT GaAs Power FETs
logo
Filtronic Compound Semi...
FPD2000AS FILTRONIC-FPD2000AS Datasheet
281Kb / 7P
2W PACKAGED POWER PHEMT
FPD2000V FILTRONIC-FPD2000V Datasheet
510Kb / 3P
2W POWER PHEMT
FPD3000 FILTRONIC-FPD3000 Datasheet
183Kb / 2P
2W POWER PHEMT
FPD3000P100 FILTRONIC-FPD3000P100 Datasheet
182Kb / 3P
2W PACKAGED POWER PHEMT
FPD3000 FILTRONIC-FPD3000_1 Datasheet
168Kb / 3P
2W POWER PHEMT
FPD2000AS FILTRONIC-FPD2000AS_1 Datasheet
381Kb / 10P
2W PACKAGED POWER PHEMT
logo
RF Micro Devices
FPD3000 RFMD-FPD3000 Datasheet
243Kb / 4P
2W POWER pHEMT
logo
M/A-COM Technology Solu...
MAAP-010518 MA-COM-MAAP-010518 Datasheet
4Mb / 10P
2W Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com