Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3000 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # LP3000
Description  2W Power PHEMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LP3000 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  LP3000 Datasheet HTML 1Page - Filtronic Compound Semiconductors LP3000 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Filtronic
LP3000/LPV3000
Solid State
2W Power PHEMT
Phone: (408) 988-1845
Internet: http://www.filtronicsolidstate.com
Fax: (408) 970-9950
ABSOLUTE MAXIMUM RATINGS
(25
°C)
RECOMMENDED CONTINUOUS
OPERATING LIMITS
SYMBOL
PARAMETER
RATING
1
SYMBOL
PARAMETER
RATING
2
VDS
Drain-Source Voltage
12V
VDS
Drain-Source Voltage
8V
VGS
Gate-Source Voltage
-5V
VGS
Gate-Source Voltage
-1V
IDS
Drain-Source Current
2 x IDSS
IDS
Drain-Source Current
0.8 x IDSS
IG
Gate Current
120 mA
IG
Gate Current
40 mA
PIN
RF Input Power
1.2 W
PIN
RF Input Power
600 mW
TCH
Channel Temperature
175
°C
TCH
Channel Temperature
150
°C
TSTG
Storage Temperature
-65/175
°C
TSTG
Storage Temperature
-20/50
°C
PT
Power Dissipation
6.0W
3,4
PT
Power Dissipation
5.0 W
3,4
GXdB
Gain Compression
8 dB
NOTES:
1. Operating conditions that exceed the Absolute Maximum Ratings could result in permanent damage to the device.
2. Recommended Continuous Operating Limits should be observed for reliable device operation.
3. Power Dissipation defined as: PT ≡ (PDC + PIN) - POUT, where: PDC = DC bias power, POUT = RF output power, and
PIN = RF input power.
4. Power Dissipation to be de-rated as follows:
5. Specifications subject to change without notice.
Example #1 :
VDS = 8V, IDS = 535 mA
PIN = POUT = 0 dBm (quiescent condition):
PT = PDC = 4.28W
Max. continuous THS = 25°C
Example #2:
VDS = 8V, IDS = 535 mA
PIN = 26.5 dBm POUT = 33.5 dBm
PT = (4.28+0.45) - 2.24 = 2.49W
Max. continuous THS = 88°C
HANDLING PRECAUTIONS:
PHEMT chips should be stored in a dry nitrogen environment until assembly. Care should be exercised during handling to
avoid damage to the devices. Proper Electrostatic Discharge (ESD) precautions should be observed at all stages of
storage, handling, assembly, and testing. These devices should be treated as Class 1A (0-500V), and further information
on ESD control measures can be found in MIL-STD-1686 and MIL-HDBK-263.
ASSEMBLY INSTRUCTIONS:
The recommended die attach is gold/tin eutectic solder under a nitrogen atmosphere. Stage temperature should be 280-
290
°C; maximum time at temperature is 1 min. The recommended wire bond method is thermo-compression wedge
bonding with 0.7 or 1.0 mil (0.018 or 0.025 mm) gold wire. Stage temperature should be 250-260
°C.
APPLICATIONS NOTES AND DESIGN DATA:
Applications Notes are available from your local FSS Sales Representative, or directly from the factory. Complete design
data, including S-parameters, Noise data, and Large-Signal models, is available on 3.5” diskette, or may be down-loaded
from our Web Page.
Get Curtice Model
DSS-027 WG
25
PT(W)
6.0
-40 mW/
°C
5.0
-40 mW/
°C
175
150
THS(
°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com