Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGC16N60C2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGC16N60C2
Description  Electrically Isolated Back Surface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGC16N60C2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGC16N60C2 Datasheet HTML 1Page - IXYS Corporation IXGC16N60C2 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2004 IXYS All rights reserved
G = Gate
C = Collector
E = Emitter
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
600
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C20
A
I
C110
T
C = 110°C8
A
I
D110
T
C = 110°C (IXGC16N60C2D1 diode)
10
A
I
CM
T
C = 25°C, 1 ms
100
A
SSOA
V
GE = 15 V, TJ = 125°C, RG = 22 Ω
I
CM = 32
A
(RBSOA)
Clamped inductive load
@0.8 V
CES
P
C
T
C = 25°C63
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
F
C
Mounting Force
11..65/2.5..15
N/lb.
V
ISOL
Isolation Voltage; 50/60Hz; t = 1minute; RMS
2500
V
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
Weight
2
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
GE(th)
I
C = 250 µA, VCE = VGE
2.5
5.0
V
I
CES
V
CE = VCES
16N60C2
25
µA
V
GE = 0 V
16N60C2D1
50
µA
I
GES
V
CE = 0 V, VGE = ±20 V
±100
nA
V
CE(sat)
I
C = 12 A, VGE = 15 V
2.7
3.0
V
Note 2
T
J=125°C
2.1
V
DS99149A(11/04)
HiPerFASTTM IGBT
C2-Class High Speed
IGBT in ISOPLUS220TM Case
Electrically Isolated Back Surface
IXGC 16N60C2
IXGC 16N60C2D1
V
CES
= 600 V
I
C25
=20 A
V
CE(sat)
= 3.0 V
t
fi(typ)
=35 ns
D1
G
C
E
ISOPLUS 220TM (IXGC)
Isolated back surface*
Features
DCB Isolated mounting tab
UL recognized (E153432)
Meets TO-273 package Outline
High current handling capability
MOS Gate turn-on
- drive simplicity
Epoxy meets UL94V-0 flammability
classification
Applications
Uninterruptible power supplies (UPS)
Switched-mode and resonant-mode
power supplies
AC motor speed control
DC servo and robot drives
DC choppers
Advantages
Easy assembly
High power density
Very fast switching speeds for high
frequency applications
E153432
Preliminary Data Sheet


Similar Part No. - IXGC16N60C2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGC16N60B2 IXYS-IXGC16N60B2 Datasheet
92Kb / 2P
Electrically Isolated Back Surface
IXGC16N60B2D1 IXYS-IXGC16N60B2D1 Datasheet
92Kb / 2P
Electrically Isolated Back Surface
More results

Similar Description - IXGC16N60C2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR24N60C IXYS-IXGR24N60C Datasheet
56Kb / 2P
HiPerFASTTM IGBT ISOPLUS247TM (Electrically Isolated Back Surface)
IXGR60N60C2 IXYS-IXGR60N60C2 Datasheet
612Kb / 6P
Lightspeed 2TM Series (Electrically Isolated Back Surface)
IXFR38N80Q2 IXYS-IXFR38N80Q2 Datasheet
568Kb / 5P
Electrically Isolated Back Surface
logo
Meder Electronic
PSMG5005 MEDER-PSMG5005 Datasheet
149Kb / 4P
Electrically Isolated Back Surface Single MOSFET Die
PSND30E12 MEDER-PSND30E12 Datasheet
125Kb / 1P
Electrically Isolated Back Surface Single MOSFET Die
logo
IXYS Corporation
IXUC100N055 IXYS-IXUC100N055 Datasheet
575Kb / 2P
Electrically Isolated Back Surface
IXKC15N60C5 IXYS-IXKC15N60C5 Datasheet
119Kb / 4P
Electrically isolated back surface Electrically isolated back surface
IXGC16N60B2 IXYS-IXGC16N60B2 Datasheet
92Kb / 2P
Electrically Isolated Back Surface
DSS20-01AC IXYS-DSS20-01AC Datasheet
121Kb / 4P
Electrically Isolated Back Surface
DSEE8-06CC IXYS-DSEE8-06CC Datasheet
65Kb / 2P
Electrically Isolated Back Surface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com