Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

206-4LPST Datasheet(PDF) 4 Page - CTS Corporation

Part # 206-4LPST
Description  Optimized Mechanical Features
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

206-4LPST Datasheet(HTML) 4 Page - CTS Corporation

  206-4LPST Datasheet HTML 1Page - CTS Corporation 206-4LPST Datasheet HTML 2Page - CTS Corporation 206-4LPST Datasheet HTML 3Page - CTS Corporation 206-4LPST Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
mm
DIMENSION:
inch
1.27
4.06
9.78±0.25
7.6
2.03
-0.30
9.12±0.35
10.40 +0
7.62
0.25±0.08
0.38
1.27±0.13
2.54
0.48±0.08
DATE CODE
-0.13
+0.38
TYP.
8.60
2.54
TYP.
11.04
1.13 TYP.
6.17
2.44
.243
.339
CTS
(Available in SPST and SPDT )
.080
.160
.385±.010
.05
.299
.050±.005
.019±.003
.100
.359±.014
.015
.010±.003
.300 -.005
+.015
+0
.096
.044
.100
.435
11
5
4
3
2
1
12
N
O
SURFACE MOUNT PAD LAYOUTS (ALL STYLES)
±.010
±0.25
"A"
Ordering Information
NUMBER OF THROWS
ACTUATOR HEIGHT
ACTUATION PRESET
BOTTOM EPOXY SEAL
1
2
204
1
E
S
T
N
1 – SINGLE THROW
2 – DOUBLE THROWS
BLANK – (FOR SPST)
NUMBER OF SWITCH POSITIONS
1 – 1 POSITION
2 – 2 POSITIONS
3 – 3 POSITIONS
4 – 4 POSITIONS
5 – 5 POSITIONS
6 – 6 POSITIONS
7 – 7 POSITIONS
8 – 8 POSITIONS
9 – 9 POSITIONS
10 – 10 POSITIONS
12 – 12 POSITIONS
Extended: SPST only
Low profile: SPST & SPDT only
TOP TAPE SEAL
N – SHIP AT "ON" POSITION
BLANK – SHIP AT "OFF" POSITION
–
S - EPOXY SEAL
NUMBER OF POLES
1 – SINGLE POLE
2 – DOUBLE POLES
3 – 3 POLES
4 – 4 POLES
BLANK – (FOR SPST)
R
R - TAPE & REEL PACKAGING
TAPE AND REEL
BLANK - ANTI-STATIC TUBE PACKAGING
BLANK - NO EPOXY SEAL
Low Profile Actuators
4 - 4
CTS Electrocomponents
www.ctscorp.com
TYP.
.410 -0.12
Not available on extended
actuator
BLANK–NO TOP TAPE SEAL
T –TOP TAPE SEAL
*
*
LP – LOW PROFILE(Flush)
E – EXTENDED(3.43mm/.135")
BLANK – STANDARD(0.89mm/.035")
**
**
©2013 CTS Corporation. All rights reserved. Information subject to change.
2/05/13



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com