Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

206-4LPST Datasheet(PDF) 1 Page - CTS Corporation

Part # 206-4LPST
Description  Optimized Mechanical Features
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

206-4LPST Datasheet(HTML) 1 Page - CTS Corporation

  206-4LPST Datasheet HTML 1Page - CTS Corporation 206-4LPST Datasheet HTML 2Page - CTS Corporation 206-4LPST Datasheet HTML 3Page - CTS Corporation 206-4LPST Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount
Multi-Functional
DIP Switch
IR Solderable,
Features
Optimized Contact System
• Contact wiping action on make and break
• Integral terminal and contact locked into thermoset base
• Available with low profile, standard, or extended actuators
Optimized Mechanical Features
• Enclosed actuators shield contacts from foreign particles
throughout life of switch
• Gull-wing terminal configurations
Materials
• Gold plated contacts for long-term contact corrosion resistance
• All UL 94 V-0 plastics used
Series 204 D
Daattaa SShheeeett
SMD DIP Switch
Contact Resistance
50 milliohms maximum initial
100 milliohms maximum at end of life
Operating Temperature
5,000 cycles switching 50 mA @ 24 VDC
Nonswitching Rating
100 mA or 50 VDC maximum
Insulation Resistance
1,000 megohms minimum between insulated terminals
Dielectric Strength
500 VAC for 1 minute between adjacent switches
Switch Capacitance
5 pF maximum between adjacent closed switches
Coplanarity
0.1mm/.004" max.
Allowable Solder Time
Shock
Per MIL-STD-202F, method 213B, condition A
(50 G’s) with no contact inconsistencies
Vibration
Per MIL-STD-202F, method 204D, condition B
(.06" or 15 G’s between 10 Hz to 2K Hz) with
no contact inconsistencies greater than 1 microsecond
• Coplanarity: 0.1mm / .004” max.
• Available with SPST,SPDT,DPST,DPDT,3PST,4PST
circuitry choices
• Removable tape seal to withstand IR solder temperature
and board washing
• RoHS compliant
Switch Function
SPST - 2 through 10 and 12 positions
SPDT & DPST - 1 through 6 positions
DPDT & 4PST - 1 through 3 positions
3PST - 1 through 4 positions
Sealing
Bottom epoxy seal optional
Top tape seal optional
Marking
Special side or top marking available - consult CTS
• Electrostatic discharge shield rated to 22 KV
• Compatible with SMT assembly including IR and
Vapor-Phase (up to 260°C)
Up to 60 seconds at 260°C
Standard : Anti-static tube packaging
Optional : Tape and reel packaging
greater than 1
microsecond
Actuation Life
–55°C to +85°C
Packaging
1 - 4
2/05/13
CTS Electrocomponents
www.ctscorp.com
©2013 CTS Corporation. All rights reserved. Information subject to change.
PCB Washable
®
Electrocomponents
Electrical and Mechanical Specifications


Similar Part No. - 206-4LPST

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
206-4 CTS-206-4 Datasheet
328Kb / 1P
DIP Switches
206-411 CTS-206-411 Datasheet
336Kb / 4P
Multifunctional Through Hole Through Hole
206-411 CTS-206-411 Datasheet
386Kb / 4P
Through Hole DIP Switch
206-4112 CTS-206-4112 Datasheet
336Kb / 4P
Multifunctional Through Hole Through Hole
206-4112E CTS-206-4112E Datasheet
336Kb / 4P
Multifunctional Through Hole Through Hole
More results

Similar Description - 206-4LPST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH13N60UFD FAIRCHILD-SGH13N60UFD Datasheet
308Kb / 8P
FEATURES
logo
JMK Inc.
MF-0637A-50BR JMK-MF-0637A-50BR Datasheet
36Kb / 1P
This EMI / RFI filter features a very small mechanical package.
logo
Infineon Technologies A...
IPF135N03LG INFINEON-IPF135N03LG Datasheet
536Kb / 12P
OptiMOS 3 Power-Transistor Features Optimized technology for DC/DC converters
Rev. 1.0 2006-10-23
IPP034NE7N3G INFINEON-IPP034NE7N3G Datasheet
466Kb / 10P
OptiMOSTM3 Power-Transistor Features Optimized technology for synchronous rectification
Rev. 2.01 2009-11-11
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
Standard features, Features of the CPU08
logo
Roithner LaserTechnik G...
QL85F6SA ROITHNER-QL85F6SA Datasheet
69Kb / 3P
FEATURES
logo
Recom International Pow...
R0.25D-0505 RECOM-R0.25D-0505 Datasheet
150Kb / 4P
Features
logo
Olitech Electronics Co....
BC546 OLITECH-BC546 Datasheet
850Kb / 4P
FEATURES
BC556 OLITECH-BC556 Datasheet
791Kb / 4P
FEATURES
logo
EHAOAN.
EH-C191IR-A3 EHAOAN-EH-C191IR-A3 Datasheet
1Mb / 7P
Features/Product Features
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com