Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHCD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MHCD
Description  Molding Power Choke
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MHCD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MHCD Datasheet HTML 1Page - List of Unclassifed Manufacturers MHCD Datasheet HTML 2Page - List of Unclassifed Manufacturers MHCD Datasheet HTML 3Page - List of Unclassifed Manufacturers MHCD Datasheet HTML 4Page - List of Unclassifed Manufacturers MHCD Datasheet HTML 5Page - List of Unclassifed Manufacturers MHCD Datasheet HTML 6Page - List of Unclassifed Manufacturers MHCD Datasheet HTML 7Page - List of Unclassifed Manufacturers MHCD Datasheet HTML 8Page - List of Unclassifed Manufacturers MHCD Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Molding Power Choke – MHCD Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms(A)
Isat(A)
RDC(mΩ)
Part Number
(uH)
(±%)
(MHz)
Max(Typ)
Max(Typ)
Max(Typ)
MHCD201210A-R33M-A8S
0.33
20
2
2.4(3.0)
3.6(4.2)
75(58)
MHCD201210A-R47M-A8S
0.47
20
2
2.2(2.8)
3.2(4.0)
80(61)
MHCD201210A-R68M-A8S
0.68
20
2
2.0(2.5)
3.0(3.6)
105(82)
MHCD201210A-1R0M-A8S
1.0
20
2
1.6(2.0)
2.0(2.6)
155(137)
Irms DC current (A) that will cause an approximate ΔT of 40℃.
Isat DC current (A) that will cause L to drop approximately 30%
Tolerance:M = ±20%
L : Agilent E4991A/HP4287A+16197A, 2MHz 0.2V
Rdc : CHEN HWA502
Isat : Agilent E4980A+HP42841A
Irms : Agilent 6641 SYSTEM DC POWER SUPPLY
Operating temperature range from -40℃ to 125℃. (Including self - temperature rise)
Test Instruments:E4991A Impedance / Material Analyzer
Inductance v.s DC Current
0.0
0.5
1.0
1.5
2.0
00.5
11.5
22.5
33.5
44.5
5
DC Current(A)
R33
R47
R68
1R0
Tem perature Change v.s DC Current
0
20
40
60
80
100
120
140
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
DC Current(A)
R33
R47
R68
1R0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com