Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHCD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MHCD
Description  Molding Power Choke
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MHCD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MHCD Datasheet HTML 1Page - List of Unclassifed Manufacturers MHCD Datasheet HTML 2Page - List of Unclassifed Manufacturers MHCD Datasheet HTML 3Page - List of Unclassifed Manufacturers MHCD Datasheet HTML 4Page - List of Unclassifed Manufacturers MHCD Datasheet HTML 5Page - List of Unclassifed Manufacturers MHCD Datasheet HTML 6Page - List of Unclassifed Manufacturers MHCD Datasheet HTML 7Page - List of Unclassifed Manufacturers MHCD Datasheet HTML 8Page - List of Unclassifed Manufacturers MHCD Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Molding Power Choke – MHCD Series
MHCD Series
Chilisin’s MHCD Series provides high current and low DCR in
compact sizing with magnetically shielded construction. This power
inductor is an excellent power solution for space-limited devices.
Features
Applications
 Monolithic, magnetically shielded
 Compact high saturation current
 Minimum height=1.0mm Max
 Smartphone
 Tablet PC
 Hard disk of ultrabook
 LTE module
 Portable device
Product Identification
Shape and Dimensions
Recommended Pattern
Dimensions in mm
TYPE
A
B
C
D
201210
2.0±0.2
1.25±0.2
1.0Max
0.5±0.3
201610
2.0±0.2
1.6±0.2
1.0Max
0.5±0.3
201612
2.0±0.2
1.6±0.2
1.2Max
0.5±0.3
252010
2.5±0.2
2.0±0.2
1.0Max
0.6±0.2
252012
2.5±0.2
2.0±0.2
1.2Max
0.6±0.2
322510
3.2±0.3
2.5±0.3
1.0Max
0.5±0.2
322512
3.2±0.3
2.5±0.3
1.2Max
0.5±0.2
Dimensions in mm
TYPE
A
B
C
201210
0.8~1.2
2.3~2.9
1.0~1.4
201610
0.9
2.0
1.6
201612
0.9
2.0
1.6
252010
1.2
2.8
2.0
252012
1.2
2.8
2.0
322510
1.7
3.2
2.5
322512
1.7
3.2
2.5


Similar Part No. - MHCD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHC-3816 ETC2-MHC-3816 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
MERITEK ELECTRONICS COR...
MHC-A-012L MERITEK-MHC-A-012L Datasheet
239Kb / 6P
Transient Voltage Suppressors (High Current)
MHC-A-015L MERITEK-MHC-A-015L Datasheet
239Kb / 6P
Transient Voltage Suppressors (High Current)
MHC-A-020L MERITEK-MHC-A-020L Datasheet
239Kb / 6P
Transient Voltage Suppressors (High Current)
MHC-A-025L MERITEK-MHC-A-025L Datasheet
239Kb / 6P
Transient Voltage Suppressors (High Current)
More results

Similar Description - MHCD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHSC ETC2-MHSC Datasheet
335Kb / 6P
Molding Power Choke
logo
Shenzhen Codaca Electro...
VSEB0530H CODACA-VSEB0530H Datasheet
746Kb / 5P
Molding Power Choke
07/14/2020
VSEB0730H CODACA-VSEB0730H Datasheet
752Kb / 5P
Molding Power Choke
07/14/2020
CSAB0750 CODACA-CSAB0750 Datasheet
975Kb / 10P
Molding Power Choke
07/14/2020
CSAB1030A CODACA-CSAB1030A Datasheet
1Mb / 10P
Molding Power Choke
07/14/2020
CSAB1040A CODACA-CSAB1040A Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
CSAB1250A CODACA-CSAB1250A Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
CSAB107050 CODACA-CSAB107050 Datasheet
707Kb / 5P
Molding Power Choke
07/14/2020
CSAB1265A CODACA-CSAB1265A Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
CSAC0530 CODACA-CSAC0530 Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com