Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHCI04012-1R0M-R8 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # MHCI04012-1R0M-R8
Description  Molding Power Choke
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MHCI04012-1R0M-R8 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button MHCI04012-1R0M-R8 Datasheet HTML 12Page - List of Unclassifed Manufacturers MHCI04012-1R0M-R8 Datasheet HTML 13Page - List of Unclassifed Manufacturers MHCI04012-1R0M-R8 Datasheet HTML 14Page - List of Unclassifed Manufacturers MHCI04012-1R0M-R8 Datasheet HTML 15Page - List of Unclassifed Manufacturers MHCI04012-1R0M-R8 Datasheet HTML 16Page - List of Unclassifed Manufacturers MHCI04012-1R0M-R8 Datasheet HTML 17Page - List of Unclassifed Manufacturers MHCI04012-1R0M-R8 Datasheet HTML 18Page - List of Unclassifed Manufacturers MHCI04012-1R0M-R8 Datasheet HTML 19Page - List of Unclassifed Manufacturers MHCI04012-1R0M-R8 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Molding Power Choke – MHCC/MHCI Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms
Isat
RDC
Part Number
(uH)
(±%)
(KHz)
(A)Typ.
(A)Typ.
(mΩ)Max
MHCI06030-R10M-R8
0.10
20
100
37
45
1.5
MHCI06030-R22M-R8
0.22
20
100
23
40
2.8
MHCI06030-R33M-R8
0.33
20
100
20
33
4.2
MHCI06030-R47M-R8
0.47
20
100
16.5
27
5.5
MHCI06030-R68M-R8
0.68
20
100
15
24
6.3
MHCI06030-R82M-R8
0.82
20
100
13
23
8.0
MHCI06030-1R0M-R8
1.0
20
100
12
22
10
MHCI06030-1R5M-R8
1.5
20
100
9.5
18
15
MHCI06030-2R2M-R8
2.2
20
100
8.5
14
20
MHCI06030-3R3M-R8
3.3
20
100
6.0
12
35
MHCI06030-4R7M-R8
4.7
20
100
5.5
9
40
MHCI06030-6R8M-R8
6.8
20
100
4.5
8
60
MHCC06030-8R2M-R7
8.2
20
100
4.5
6
60
MHCC06030-100M-R7
10
20
100
4.0
5.5
68
 Irms DC current (A) that will cause an approximate ΔT of 40°C
 Isat DC current (A) that will cause L to drop approximately 30%
 Tolerance:M= ±20%
 L : WK 3260B, 100KHz 0.5V
 Rdc : CHEN HWA 502
 Operating temperature range from -55℃ to 125℃. (Including self - temperature rise)
Test Instruments:WK3260B Impedance / Material Analyzer
Inductance v.s DC Current
0
2
4
6
8
10
12
0
1020
3040
50
DC Current (A)
100
6R8
4R7
3R3
2R2
1R5
R82
1R0
R68 R47 R33
R22 R10
8R2
Tem perature Change v.s DC Current
0
10
20
30
40
50
60
70
80
90
100
0
1020304050
DC Current (A)
100
8R2
6R8
4R7 3R3
2R2
1R5
R82
1R0
R68
R47
R33
R22
R10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com