Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHCI04012-1R0M-R8 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # MHCI04012-1R0M-R8
Description  Molding Power Choke
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MHCI04012-1R0M-R8 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button MHCI04012-1R0M-R8 Datasheet HTML 15Page - List of Unclassifed Manufacturers MHCI04012-1R0M-R8 Datasheet HTML 16Page - List of Unclassifed Manufacturers MHCI04012-1R0M-R8 Datasheet HTML 17Page - List of Unclassifed Manufacturers MHCI04012-1R0M-R8 Datasheet HTML 18Page - List of Unclassifed Manufacturers MHCI04012-1R0M-R8 Datasheet HTML 19Page - List of Unclassifed Manufacturers MHCI04012-1R0M-R8 Datasheet HTML 20Page - List of Unclassifed Manufacturers MHCI04012-1R0M-R8 Datasheet HTML 21Page - List of Unclassifed Manufacturers MHCI04012-1R0M-R8 Datasheet HTML 22Page - List of Unclassifed Manufacturers MHCI04012-1R0M-R8 Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Molding Power Choke – MHCC/MHCI Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms
Isat
RDC
Part Number
(uH)
(±%)
(KHz)
(A)Typ.
(A)Typ.
(mΩ)Max
MHCC10040-R22M-R7
0.22
20
100
35
45
0.6
MHCC10040-R36M-R7
0.36
20
100
34
42
1.2
MHCC10040-R47M-R7
0.47
20
100
33
38
1.2
MHCC10040-R56M-R7
0.56
20
100
27
32
1.55
MHCC10040-R68M-R7
0.68
20
100
27
30
1.55
MHCC10040-1R0M-R7
1.0
20
100
20
26
3.1
MHCC10040-1R5M-R7
1.5
20
100
16
22
4.2
MHCC10040-1R8M-R7
1.8
20
100
15.3
16
5
MHCC10040-2R2M-R7
2.2
20
100
14
16
7
MHCC10040-3R3M-R7
3.3
20
100
11
12
13.2
MHCI10040-4R7M-R8
4.7
20
100
10
13
16.5
MHCC10040-6R8M-R7
6.8
20
100
6
10
25
MHCC10040-8R2M-R7
8.2
20
100
6
9
30
MHCC10040-100M-R7
10
20
100
6.5
7
30
MHCC10040-150M-R7
15
20
100
5
6
53
MHCC10040-220M-R7
22
20
100
4.5
4.5
64
 Irms
DC current (A) that will cause an approximate ΔT of 40℃
 Isat
DC current (A) that will cause L to drop approximately 30%
Tolerance:M= ±20%
L : WK 3260B, 100KHz 0.5V
Rdc : CHEN HWA 502
Operating temperature range from -55℃ to 125℃. (Including self - temperature rise)
Test Instruments:
WK3260B Impedance / Material Analyzer
Inductance v.s DC Current
0
5
10
15
20
25
0
10
203040
50
DC Current (A)
4R7
3R3 2R2
1R0
R47 R36
R22
100
6R8
1R5
R68 R56
220
Tem perature Change v.s DC Current
0
20
40
60
80
100
120
140
0
1020
304050
DC Current (A)
4R7
3R3
2R2
1R8
1R5
1R0
R68
R56
R47
R36
R22
6R8
100
220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com